Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9508PCBZ Datasheet(PDF) 22 Page - Analog Devices

Part # AD9508PCBZ
Description  1.65 GHz Clock Fanout Buffer with Output Dividers and Delay Adjust
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9508PCBZ Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9508PCBZ Datasheet HTML 18Page - Analog Devices AD9508PCBZ Datasheet HTML 19Page - Analog Devices AD9508PCBZ Datasheet HTML 20Page - Analog Devices AD9508PCBZ Datasheet HTML 21Page - Analog Devices AD9508PCBZ Datasheet HTML 22Page - Analog Devices AD9508PCBZ Datasheet HTML 23Page - Analog Devices AD9508PCBZ Datasheet HTML 24Page - Analog Devices AD9508PCBZ Datasheet HTML 25Page - Analog Devices AD9508PCBZ Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
AD9508
Data Sheet
Rev. A | Page 22 of 40
inputs have a resistor divider, which sets the common-mode
level. The complementary input is biased about 30 mV lower
than the true input to avoid oscillations in the event that the
input signal ceases. See Figure 42 for the equivalent differential
input circuit.
Figure 42. AD9508 Differential Input Stage
The inputs can be ac-coupled or dc-coupled in differential
mode. See Table 14 for input logic compatibility. The user can
supply a single-ended input with the input in differential mode
by ac or dc coupling to one side of the differential input and
bypassing the other input to ground by a capacitor.
Note that jitter performance degrades with low input slew rate,
as shown in Figure 25. See Figure 34 through Figure 37 for
different input clock termination schemes.
CLOCK OUTPUTS
Each channel output driver can be configured for either a
differential LVDS/HSTL output or two single-ended CMOS
outputs. When the LVDS/HSTL driver is enabled, the
corresponding CMOS driver is in tristate. When the CMOS
driver is enabled, the corresponding LVDS/HSTL driver is
powered down and tristated. See Figure 43 and Figure 44 for
the equivalent output stages.
Figure 43. LVDS/HSTL Output Simplified Equivalent Circuit
Figure 44. CMOS Equivalent Output Circuit
In LVDS or HSTL modes, there are register settings to control the
output logic type and current drive strength. The LVDS output
current can be set to the nominal 3.5 mA, additional settings
include 0.5, 0.75, 1.0 (default), and 1.25 multiplied by 3.5 mA.
The HSTL output current can be set to 8 mA (nominal) or
16 mA (double amplitude). For pin programming mode, see the
Pin Strapping to Program on Power-Up section for details and
limitations of the device. Under pin programming mode, the
nominal current is the default setting and is nonadjustable.
When routing single-ended CMOS signals, avoid driving multiple
input receivers with one output. Series termination at the source
is generally required to provide transmission line matching and/or
to reduce current transients at the driver. The value of the series
resistor is dependent on the board design and timing require-
ments (typically 10 Ω to 100 Ω). CMOS outputs are also limited in
terms of the capacitive load or trace length that they can drive.
Typically, trace lengths less than 3 inches are recommended to
preserve signal rise/fall times and signal integrity.
Figure 45. Series Termination of CMOS Output
Table 14. CLK and
A
CLKE
A
Differential Input Logic Compatibility
Supply (V)
Logic
Common Mode (V)
Output Swing (V)
AC-Coupled
DC-Coupled
3.3
CML
2.9
0.8
Yes
Not allowed
2.5
CML
2.1
0.8
Yes
Not allowed
1.8
CML
1.4
0.8
Yes
Yes
3.3
1F
1
CMOS
1.65
3.3
Not allowed
Yes
2.51
CMOS
1.25
2.5
Not allowed
Yes
1.81
CMOS
0.9
1.8
Not allowed
Yes
1.5
HSTL
0.75
0.75
Yes
Yes
N/A
2F
2
LVDS
1.25
0.4
Yes
Yes
3.3
LVPECL
2.0
0.8
Yes
Not allowed
2.5
LVPECL
1.2
0.8
Yes
Yes
1.8
LVPECL
0.5
0.8
Yes
Yes
1
IN_SEL is set for single-ended CMOS mode.
2
N/A means not applicable.
12.5kΩ
13kΩ
16.5kΩ
16kΩ
VDD
CLK
CLK
GND
OUTx
OUTx
VDD
OUTxA
OUTxB
VDD
VDD
AD9508
CMOS
10Ω
60.4Ω
(1.0 INCH)
MICROSTRIP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com