Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9508PCBZ Datasheet(PDF) 9 Page - Analog Devices

Part # AD9508PCBZ
Description  1.65 GHz Clock Fanout Buffer with Output Dividers and Delay Adjust
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9508PCBZ Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9508PCBZ Datasheet HTML 5Page - Analog Devices AD9508PCBZ Datasheet HTML 6Page - Analog Devices AD9508PCBZ Datasheet HTML 7Page - Analog Devices AD9508PCBZ Datasheet HTML 8Page - Analog Devices AD9508PCBZ Datasheet HTML 9Page - Analog Devices AD9508PCBZ Datasheet HTML 10Page - Analog Devices AD9508PCBZ Datasheet HTML 11Page - Analog Devices AD9508PCBZ Datasheet HTML 12Page - Analog Devices AD9508PCBZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
Data Sheet
AD9508
Rev. A | Page 9 of 40
CLOCK OUTPUT ADDITIVE TIME JITTER
Table 9.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
LVDS OUTPUT ADDITIVE TIME JITTER
CLK = 622.08 MHz, Outputs = 622.08 MHz
41
fs rms
BW = 12 kHz to 20 MHz
70
fs rms
BW = 20 kHz to 80 MHz
69
fs rms
BW = 50 kHz to 80 MHz
CLK = 622.08 MHz, Outputs = 155.52 MHz
93
fs rms
BW = 12 kHz to 20 MHz
144
fs rms
BW = 20 kHz to 80 MHz
142
fs rms
BW = 50 kHz to 80 MHz
CLK = 125 MHz, Outputs = 125 MHz
105
fs rms
BW = 12 kHz to 20 MHz
209
fs rms
BW = 20 kHz to 80 MHz
206
fs rms
BW = 50 kHz to 80 MHz
CLK = 400 MHz, Outputs = 50 MHz
184
fs rms
BW = 12 kHz to 20 MHz
HSTL OUTPUT ADDITIVE TIME JITTER
CLK = 622.08 MHz, Outputs = 622.08 MHz
41
fs rms
BW = 12 kHz to 20 MHz
56
fs rms
BW = 100 Hz to 20 MHz
72
fs rms
BW = 20 kHz to 80 MHz
70
fs rms
BW = 50 kHz to 80 MHz
CLK = 622.08 MHz, Outputs = 155.52 MHz
76
fs rms
BW = 12 kHz to 20 MHz
87
fs rms
BW = 100 Hz to 20 MHz
158
fs rms
BW = 20 kHz to 80 MHz
156
fs rms
BW = 50 kHz to 80 MHz
CMOS OUTPUT ADDITIVE TIME JITTER
CLK = 100 MHz, Outputs = 100 MHz
91
fs rms
BW = 12 kHz to 20 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com