Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9508PCBZ Datasheet(PDF) 10 Page - Analog Devices

Part # AD9508PCBZ
Description  1.65 GHz Clock Fanout Buffer with Output Dividers and Delay Adjust
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9508PCBZ Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9508PCBZ Datasheet HTML 6Page - Analog Devices AD9508PCBZ Datasheet HTML 7Page - Analog Devices AD9508PCBZ Datasheet HTML 8Page - Analog Devices AD9508PCBZ Datasheet HTML 9Page - Analog Devices AD9508PCBZ Datasheet HTML 10Page - Analog Devices AD9508PCBZ Datasheet HTML 11Page - Analog Devices AD9508PCBZ Datasheet HTML 12Page - Analog Devices AD9508PCBZ Datasheet HTML 13Page - Analog Devices AD9508PCBZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
AD9508
Data Sheet
Rev. A | Page 10 of 40
ABSOLUTE MAXIMUM RATINGS
Table 10.
Parameter
Rating
Supply Voltage (VDD)
3.6 V
Maximum Digital Input Voltage
−0.5 V to VDD + 0.5 V
CLK and CLK
−0.5 V to VDD + 0.5 V
Maximum Digital Output Voltage
−0.5 V to VDD + 0.5 V
Storage Temperature Range
−65°C to +150°C
Operating Temperature Range
−40°C to +85°C
Lead Temperature (Soldering 10 sec)
300°C
Junction Temperature
150°C
The following equation determines the junction temperature on
the application PCB:
TJ = TCASE + (ΨJT × PD)
where:
TJ is the junction temperature (°C).
TCASE is the case temperature (°C) measured by the customer at
the top center of the package.
ΨJT is the value as indicated in Table 11.
PD is the power dissipation.
Values of θJA are provided for package comparison and PCB
design considerations. θJA can be used for a first-order approxi-
mation of TJ by the following equation:
TJ = TA + (θJA × PD)
where TA is the ambient temperature (°C).
Values of θJC are provided for package comparison and PCB
design considerations when an external heat sink is required.
Values of θJB are provided for package comparison and PCB
design considerations.
THERMAL CHARACTERISTICS
Thermal characteristics established using JEDEC51-7 and
JEDEC51-5 2S2P test boards.
Table 11. Thermal Characteristics, 24-Lead LFCSP
Symbol
Thermal Characteristic
(JEDEC51-7 and JEDEC51-5 2S2P
Test Boards1)
Value2
Unit
θJA
Junction-to-ambient thermal
resistance per JEDEC JESD51-2 (still
air)
43.5
°C/W
θJMA
Junction-to-ambient thermal
resistance, 1.0 m/sec airflow per
JEDEC JESD51-6 (moving air)
40
°C/W
θJMA
Junction-to-ambient thermal
resistance, 2.5 m/sec airflow per
JEDEC JESD51-6 (moving air)
38.5
°C/W
θJB
Junction-to-board thermal
resistance per JEDEC JESD51-8 (still
air)
16.2
°C/W
θJC
Junction-to-case thermal resistance
(die-to-heat sink) per MIL-STD-883,
Method 1012.1
7.1
°C/W
ΨJT
Junction-to-top-of-package
characterization parameter per
JEDEC JESD51-2 (still air)
0.33
°C/W
1 The exposed pad on the bottom of the package must be soldered to ground
(VSS) to achieve the specified thermal performance.
2 Results are from simulations. The PCB is a JEDEC multilayer type. Thermal
performance for actual applications requires careful inspection of the
conditions in the application to determine if they are similar to those
assumed in these calculations.
ESD CAUTION
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com