Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-AD5263EBZ Datasheet(PDF) 9 Page - Analog Devices

Part # EVAL-AD5263EBZ
Description  Quad, 15 V, 256-Position, Digital Potentiometer with Pin-Selectable SPI/I2C
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD5263EBZ Datasheet(HTML) 9 Page - Analog Devices

Back Button EVAL-AD5263EBZ Datasheet HTML 5Page - Analog Devices EVAL-AD5263EBZ Datasheet HTML 6Page - Analog Devices EVAL-AD5263EBZ Datasheet HTML 7Page - Analog Devices EVAL-AD5263EBZ Datasheet HTML 8Page - Analog Devices EVAL-AD5263EBZ Datasheet HTML 9Page - Analog Devices EVAL-AD5263EBZ Datasheet HTML 10Page - Analog Devices EVAL-AD5263EBZ Datasheet HTML 11Page - Analog Devices EVAL-AD5263EBZ Datasheet HTML 12Page - Analog Devices EVAL-AD5263EBZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
Data Sheet
AD5263
Rev. F | Page 9 of 28
–1.0
32
0
–0.8
–0.4
–0.2
64
96
128
0
0.4
0.2
–0.6
160
192
224
256
0.8
0.6
1.0
–40°C
+25°C
+85°C
+125°C
CODE (Decimal)
Figure 9. INL vs. Code; VDD = ±5 V
–1.0
32
0
–0.8
–0.4
–0.2
64
96
128
0
0.4
0.2
–0.6
160
192
224
256
0.8
0.6
1.0
–40°C
+25°C
+85°C
+125°C
CODE (Decimal)
Figure 10. DNL vs. Code; VDD = ±5 V
0
20
60
80
–40
120
–20
40
100
–2.5
–1.5
–1.0
–2.0
–0.5
0
TEMPERATURE (°C)
VDD/VSS = +4.5/0V
VDD/VSS = ±5V
VDD/VSS = +16.5/0V
Figure 11. Full-Scale Error vs. Temperature
2.0
0.2
0.6
1.0
1.4
1.8
0
20
60
80
–40
120
–20
40
100
TEMPERATURE (°C)
VDD/VSS = +16.5/0V
VDD/VSS = ±5V
VDD/VSS = +4.5/0V
0
0.8
1.2
0.4
1.6
Figure 12. Zero-Scale Error vs. Temperature
ISS @ VDD/VSS = ±5V
10
1
0.1
0.01
0.001
–40
0
40
80
120
TEMPERATURE (°C)
VLOGIC = 5V
VIH = 5V
VIL = 0V
IDD @ VDD/VSS = ±5V
IDD @ VDD/VSS = +15/0V
Figure 13. Supply Current vs. Temperature
10
1
0.1
0.01
0.001
–40
0
40
80
120
TEMPERATURE (°C)
VDD/VSS = +15/0V
VDD/VSS = ±5V
Figure 14. Shutdown Current vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com