Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-AD5263EBZ Datasheet(PDF) 18 Page - Analog Devices

Part # EVAL-AD5263EBZ
Description  Quad, 15 V, 256-Position, Digital Potentiometer with Pin-Selectable SPI/I2C
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD5263EBZ Datasheet(HTML) 18 Page - Analog Devices

Back Button EVAL-AD5263EBZ Datasheet HTML 14Page - Analog Devices EVAL-AD5263EBZ Datasheet HTML 15Page - Analog Devices EVAL-AD5263EBZ Datasheet HTML 16Page - Analog Devices EVAL-AD5263EBZ Datasheet HTML 17Page - Analog Devices EVAL-AD5263EBZ Datasheet HTML 18Page - Analog Devices EVAL-AD5263EBZ Datasheet HTML 19Page - Analog Devices EVAL-AD5263EBZ Datasheet HTML 20Page - Analog Devices EVAL-AD5263EBZ Datasheet HTML 21Page - Analog Devices EVAL-AD5263EBZ Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
AD5263
Data Sheet
Rev. F | Page 18 of 28
The typical distribution of the end-to-end resistance RAB from
channel to channel matches within ±1%. Device-to-device
matching is process-lot dependent, and it is possible to have
±30% variation. Because the resistance element is processed in
thin film technology, the change in RAB with temperature has a
very low temperature coefficient of 30 ppm/°C.
PROGRAMMING THE POTENTIOMETER DIVIDER
VOLTAGE OUTPUT OPERATION
The digital potentiometer easily generates a voltage divider at
wiper-to-B and wiper-to-A proportional to the input voltage from
Terminal A and Terminal B. Unlike the polarity from VDD to VSS,
which must be positive, the voltage across A to B, W to A, and
W to B can be at either polarity, if VSS is powered by a negative
supply.
If the effect of the wiper resistance for approximation is ignored,
connecting the A terminal to 5 V and the B terminal to ground
produces an output voltage from the wiper to B, starting at 0 V
up to 1 LSB below 5 V. Each LSB step of voltage is equal to the
voltage applied across Terminal A to Terminal B divided by the
256 positions of the potentiometer divider. Because the AD5263
can be powered by dual supplies, the general equation defining
the output voltage VW with respect to ground for any valid input
voltages applied to Terminal A and Terminal B is
B
A
W
V
D
V
D
D
V
256
256
256
)
(
−
+
=
(3)
Operation of the digital potentiometer in the divider mode
results in a more accurate operation over temperature. Unlike
the rheostat mode, the output voltage is dependent mainly on
the ratio of the internal resistances RWA and RWB, and not their
absolute values; therefore, the temperature drift reduces to
5 ppm/°C.
PIN-SELECTABLE DIGITAL INTERFACE
The AD5263 provides the flexibility of a selectable interface.
When the digital interface select (DIS) pin is tied low, the SPI
mode is engaged. When the DIS pin is tied high to the VL
supply, the I2C mode is engaged.
SPI-COMPATIBLE 3-WIRE SERIAL BUS (DIS = 0)
The AD5263 contains a 3-wire SPI-compatible digital interface
(SDI, CS, and CLK). The 10-bit serial word must be loaded with
address bits A1 and A0, followed by the data byte, MSB first. The
format of the word is shown in the Serial Data-Word Format
section and bit map.
The positive-edge sensitive CLK input requires clean transitions
to avoid clocking incorrect data into the serial input register.
Standard logic families work well. If mechanical switches are
used for product evaluation, they should be debounced by a
flip-flop or other suitable means. When CS is low, the clock
loads data into the serial register on each positive clock edge
(see Figure 40).
Table 7. AD5263 Address Decode Table
A1
A0
Latch Loaded
0
0
RDAC 1
0
1
RDAC 2
1
0
RDAC 3
1
1
RDAC 4
The data setup and data hold times in the specification table
determine the valid timing requirements. The AD5263 uses a
10-bit serial input data register word that is transferred to the
internal RDAC register when the CS line returns to logic high.
Note that only the last 10 bits that are clocked into the register
are latched into the decoder. As CS goes high, it activates the
address decoder and updates the corresponding channel
according to Table 7.
During shutdown (SHDN), the serial data output (SDO) pin is
forced to logic high in order to avoid power dissipation in the
external pull-up resistor. For an equivalent SDO output circuit
schematic, see Figure 46.
SERIAL
REGISTER
CS
SDI
CLK
SHDN
RES
RS
CK
SDO
D
Q
Figure 46. Detailed SDO Output Schematic of the AD5263
During reset (RES), the wiper is set to midscale. Note that
unlike SHDN, when the part is taken out of reset, the wiper
remains at midscale and does not revert to its pre-reset setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com