Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-AD5263EBZ Datasheet(PDF) 2 Page - Analog Devices

Part # EVAL-AD5263EBZ
Description  Quad, 15 V, 256-Position, Digital Potentiometer with Pin-Selectable SPI/I2C
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD5263EBZ Datasheet(HTML) 2 Page - Analog Devices

  EVAL-AD5263EBZ Datasheet HTML 1Page - Analog Devices EVAL-AD5263EBZ Datasheet HTML 2Page - Analog Devices EVAL-AD5263EBZ Datasheet HTML 3Page - Analog Devices EVAL-AD5263EBZ Datasheet HTML 4Page - Analog Devices EVAL-AD5263EBZ Datasheet HTML 5Page - Analog Devices EVAL-AD5263EBZ Datasheet HTML 6Page - Analog Devices EVAL-AD5263EBZ Datasheet HTML 7Page - Analog Devices EVAL-AD5263EBZ Datasheet HTML 8Page - Analog Devices EVAL-AD5263EBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
AD5263
Data Sheet
Rev. F | Page 2 of 28
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Functional Block Diagram .............................................................. 1
General Description ......................................................................... 1
Revision History ............................................................................... 2
Electrical Characteristics—20 kΩ, 50 kΩ, 200 kΩ Versions....... 3
Timing Characteristics—20 kΩ, 50 kΩ, 200 kΩ Versions .......... 5
Absolute Maximum Ratings............................................................ 6
ESD Caution.................................................................................. 6
Pin Configuration and Pin Function Descriptions...................... 7
Typical Performance Characteristics ............................................. 8
Test Circuits..................................................................................... 13
SPI-Compatible Digital Interface (DIS = 0)................................ 15
Serial Data-Word Format.......................................................... 15
I2C-Compatible Digital Interface (DIS = 1)................................ 16
I2C Write Mode Data-Word Format ........................................ 16
I2C Read Mode Data-Word Format ......................................... 16
Operation......................................................................................... 17
Programming the Variable Resistor......................................... 17
Programming the Potentiometer Divider Voltage Output
Operation..................................................................................... 18
Pin-Selectable Digital Interface ................................................ 18
SPI-Compatible 3-Wire Serial Bus (DIS = 0) ......................... 18
I2C-Compatible 2-Wire Serial Bus (DIS = 1).......................... 19
Additional Programmable Logic Output ................................ 20
Self-Contained Shutdown Function ........................................ 20
Multiple Devices on One Bus ................................................... 21
Level Shift for Negative Voltage Operation ................................ 21
ESD Protection ........................................................................... 21
Terminal Voltage Operating Range ......................................... 21
Power-Up Sequence ................................................................... 21
VLOGIC Power Supply................................................................... 22
Layout and Power Supply Bypassing ....................................... 22
RDAC Circuit Simulation Model............................................. 22
Applications Information .............................................................. 23
Bipolar DC or AC Operation from Dual Supplies................. 23
Gain Control Compensation .................................................... 23
Programmable Voltage Reference............................................ 23
8-Bit Bipolar DAC...................................................................... 24
Bipolar Programmable Gain Amplifier................................... 24
Programmable Voltage Source with Boosted Output ........... 24
Programmable 4 to 20 mA Current Source............................ 25
Programmable Bidirectional Current Source......................... 25
Programmable Low-Pass Filter ................................................ 26
Programmable Oscillator .......................................................... 26
Resistance Scaling ...................................................................... 27
Resistance Tolerance, Drift, and Temperature Coefficient
Mismatch Considerations ......................................................... 27
Outline Dimensions....................................................................... 28
Ordering Guide .......................................................................... 28
REVISION HISTORY
10/12—Rev. E to Rev. F
Changes to Self-Contained Shutdown Function Section.......... 20
Added Table 8 and Table 9; Renumbered Sequentially ............. 20
Changes to Programmable Voltage Source with Boosted Output
Section.............................................................................................. 24
7/12—Rev. D to Rev. E
Changes to SD Description ........................................................... 16
4/12—Rev. C to Rev. D
Change to Rheostat Operation Section ....................................... 17
Deleted Equation 4 and Accompanying Text ............................. 18
5/11—Rev. B to Rev. C
Change to Digital Inputs and Output Voltage Parameter.............. 6
Changes to Ordering Guide .......................................................... 28
Changes to I2C Disclaimer ............................................................ 28
7/09—Rev. A to Rev. B
Change to Features Section..............................................................1
Change to Power Single-Supply Range Parameter........................4
Changes to Ordering Guide.......................................................... 28
11/06—Rev. 0 to Rev. A
Updated Format..................................................................Universal
Changes to Absolute Maximum Ratings........................................6
Changes to Ordering Guide.......................................................... 28
6/03—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com