Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-AD5263EBZ Datasheet(PDF) 21 Page - Analog Devices

Part # EVAL-AD5263EBZ
Description  Quad, 15 V, 256-Position, Digital Potentiometer with Pin-Selectable SPI/I2C
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD5263EBZ Datasheet(HTML) 21 Page - Analog Devices

Back Button EVAL-AD5263EBZ Datasheet HTML 17Page - Analog Devices EVAL-AD5263EBZ Datasheet HTML 18Page - Analog Devices EVAL-AD5263EBZ Datasheet HTML 19Page - Analog Devices EVAL-AD5263EBZ Datasheet HTML 20Page - Analog Devices EVAL-AD5263EBZ Datasheet HTML 21Page - Analog Devices EVAL-AD5263EBZ Datasheet HTML 22Page - Analog Devices EVAL-AD5263EBZ Datasheet HTML 23Page - Analog Devices EVAL-AD5263EBZ Datasheet HTML 24Page - Analog Devices EVAL-AD5263EBZ Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
Data Sheet
AD5263
Rev. F | Page 21 of 28
MULTIPLE DEVICES ON ONE BUS
Figure 49 shows four AD5263 devices on the same serial bus. Each
has a different slave address because the states of their AD0 and
AD1 pins are different. This allows each RDAC within each device
to be written to or read from independently. The master device
output bus line drivers are open-drain, pull-downs in a fully
I2C-compatible interface.
MASTER
AD5263
R P
R P
+5V
SDA
SCL
AD0
5V
5V
5V
AD1
SDA SCL
AD5263
AD0
AD1
SDA SCL
AD5263
AD0
AD1
SDA SCL
AD5263
AD0
AD1
SDA SCL
Figure 49. Multiple AD5263 Devices on One I2C Bus
LEVEL SHIFT FOR NEGATIVE VOLTAGE OPERATION
The digital potentiometer is popular in laser diode driver and
certain telecommunication equipment level-setting applications.
These applications are sometimes operated between ground and
some negative supply voltage so that the systems can be biased
at round to avoid large bypass capacitors that may significantly
impede the ac performance. Like most digital potentiometers, the
AD5263 can be configured with a negative supply (see Figure 50).
SDA
GND
VSS
VDD
SCL
LEVEL SHIFTED
LEVEL SHIFTED
–5V
AD5263
Figure 50. Biased at Negative Voltage
However, the digital inputs must also be level shifted to allow
proper operation because the ground is referenced to the negative
potential. As a result, Figure 51 shows one implementtation
with a couple of transistors and a few resistors. When VIN is
high, Q1 is turned on and its emitter is clamped at one threshold
above ground. This threshold appears at the base of Q2, which
causes Q2 to turn off. In this state, VOUT approaches −5 V. When
VIN is low, Q1 is turned off and the base of Q2 is pulled low, which
in turn causes Q2 to turn on. In this state, VOUT approaches 0 V.
Beware that proper time shifting is also needed for successful
communication with the device.
VIN
VOUT
–5V
–5V
Q2
2N3906
Q1
2N3906
+5V
0V
–5V
0V
R3
1kΩ
R1
10kΩ
R2
10kΩ
Figure 51. Level Shift for Bipolar Potential Operation
ESD PROTECTION
All digital inputs are protected with a series input resistor and
parallel Zener ESD structures shown in Figure 52 and Figure 53.
This protection applies to digital input pins SDI/SDA, CLK/SCL,
CS/AD0, RES/AD1, and SHDN.
LOGIC
340Ω
VSS
Figure 52. ESD Protection of Digital Pins
A,B,W
VSS
Figure 53. ESD Protection of Resistor Terminals
TERMINAL VOLTAGE OPERATING RANGE
The AD5263 positive VDD and negative VSS power supply defines
the boundary conditions for proper 3-terminal digital
potentiometer operation. Supply signals present on the A, B,
and W terminals that exceed VDD or VSS are clamped by the
internal forward-biased diodes shown in Figure 54.
A
VDD
B
W
VSS
Figure 54. Maximum Terminal Voltages Set by VDD and VSS
POWER-UP SEQUENCE
Because the ESD protection diodes limit the voltage compliance
at the A, B, and W terminals (see Figure 54), it is important to
power VDD and VSS before applying any voltage to the A, B, and
W terminals; otherwise, the diodes are forward biased such that
VDD and VSS are powered unintentionally and may affect the rest
of the circuit. The ideal power-up sequence is in the following
order: GND, VDD, VSS, VL, digital inputs, and VA/B/W. The relative
order of powering VA, VB, VW, and digital inputs is not important as
long as they are powered after VDD and VSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com