Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-AD5263EBZ Datasheet(PDF) 24 Page - Analog Devices

Part # EVAL-AD5263EBZ
Description  Quad, 15 V, 256-Position, Digital Potentiometer with Pin-Selectable SPI/I2C
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD5263EBZ Datasheet(HTML) 24 Page - Analog Devices

Back Button EVAL-AD5263EBZ Datasheet HTML 20Page - Analog Devices EVAL-AD5263EBZ Datasheet HTML 21Page - Analog Devices EVAL-AD5263EBZ Datasheet HTML 22Page - Analog Devices EVAL-AD5263EBZ Datasheet HTML 23Page - Analog Devices EVAL-AD5263EBZ Datasheet HTML 24Page - Analog Devices EVAL-AD5263EBZ Datasheet HTML 25Page - Analog Devices EVAL-AD5263EBZ Datasheet HTML 26Page - Analog Devices EVAL-AD5263EBZ Datasheet HTML 27Page - Analog Devices EVAL-AD5263EBZ Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
AD5263
Data Sheet
Rev. F | Page 24 of 28
8-BIT BIPOLAR DAC
Figure 60 shows a low cost, 8-bit, bipolar DAC. It offers the
same number of adjustable steps, but not the precision as compared
to conventional DACs. The linearity and temperature coefficient,
especially at low values codes, are skewed by the effects of the
digital potentiometer wiper resistance. The output of this circuit is
REF
O
V
D
V
×
−
=
1
256
2
(4)
A
B
A1
W
U1
VIN
GND
VO
1
VOUT
ADR425
+15V
TRIM
+5VREF
–5VREF
A2
VI
AD5263
OP2177
V–
V+
+15V
–15V
OP2177
V–
V+
Figure 60. 8-Bit Bipolar DAC
BIPOLAR PROGRAMMABLE GAIN AMPLIFIER
For applications requiring bipolar gain, Figure 61 shows one
implementation similar to the previous circuit. The digital
potentiometer U1 sets the adjustment range. The wiper voltage
at W2 can therefore be programmed between VI and –KVI at a
given U2 setting. Configuring A2 in the noninverting mode
allows linear gain and attenuation. The transfer function is
(
)
−
+
×
×
 +
=
K
K
D2
R1
R2
V
V
I
O
1
256
1
(5)
where K is the ratio of RWB1/RWA1 set by U1.
A1
AD5263
W1
VO
A2
A2
B2
VSS
VDD
U2
–KVI
B1
A1
C1
VI
R2
R1
AD5263
U1
W2
VDD
VSS
OP2177
V–
V+
OP2177
V–
V+
Figure 61. Bipolar Programmable Gain Amplifier
Similar to the previous example, in the simpler (and much more
usual) case where K = 1, a single channel is used and U1 is
replaced by a matched pair of resistors to apply VI and –VI at
the ends of the digital potentiometer. The relationship becomes
I
O
V
D2
R1
R2
V
×
−
×
×
 +
=
1
256
2
1
(6)
If R2 is large, a compensation capacitor of a few pF may be
needed to avoid any gain peaking.
Table 10 shows the result of adjusting D, with A2 configured with
unity gain, gain of 2, and gain of 10. The result is a bipolar amplifier
with linearly programmable gain and 256-step resolution.
Table 10. Result of Bipolar Gain Amplifier
D
R1 = ∞, R2 = 0
R1 = R2
R2 = 9 × R1
0
–1
–2
–10
64
–0.5
–1
–5
128
0
0
0
192
0.5
1
5
255
0.968
1.937
9.680
PROGRAMMABLE VOLTAGE SOURCE WITH
BOOSTED OUTPUT
For applications that require high current adjustment, such as a
laser diode driver or tunable laser, a boosted voltage source can
be considered. See Figure 62.
+V
W
SIGNAL
CC
RBIAS
LD
VIN
A
B
VOUT
U1
AD5263
U3 2N7002
U2
–V
IL
AD8601
Figure 62. Programmable Booster Voltage Source
In this circuit, the inverting input of the op amp forces the VOUT to
be equal to the wiper voltage set by the digital potentiometer. The
load current is then delivered by the supply via the N-channel
FET, N1. N1 power handling must be adequate to dissipate power
equal to (VIN − VOUT) × IL. This circuit can source a maximum of
100 mA with a 5 V supply. For precision applications, a voltage
reference such as ADR421 or ADR03 can be applied at the A
terminal of the digital potentiometer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com