Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-AD5263EBZ Datasheet(PDF) 27 Page - Analog Devices

Part # EVAL-AD5263EBZ
Description  Quad, 15 V, 256-Position, Digital Potentiometer with Pin-Selectable SPI/I2C
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD5263EBZ Datasheet(HTML) 27 Page - Analog Devices

Back Button EVAL-AD5263EBZ Datasheet HTML 20Page - Analog Devices EVAL-AD5263EBZ Datasheet HTML 21Page - Analog Devices EVAL-AD5263EBZ Datasheet HTML 22Page - Analog Devices EVAL-AD5263EBZ Datasheet HTML 23Page - Analog Devices EVAL-AD5263EBZ Datasheet HTML 24Page - Analog Devices EVAL-AD5263EBZ Datasheet HTML 25Page - Analog Devices EVAL-AD5263EBZ Datasheet HTML 26Page - Analog Devices EVAL-AD5263EBZ Datasheet HTML 27Page - Analog Devices EVAL-AD5263EBZ Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
Data Sheet
AD5263
Rev. F | Page 27 of 28
RESISTANCE SCALING
The AD5263 offers 20 kΩ, 50 kΩ, and 200 kΩ nominal resistances.
Users who need a lower resistance and the same number of step
adjustments can place multiple devices in parallel. For example,
Figure 67 shows a simple scheme of using two channels in parallel.
To adjust half of the resistance linearly per step, users need to
program both channels to the same settings.
W2
A1
B1
A2
B2
LED
VDD
W1
Figure 67. Reduce Resistance by Half with Linear Adjustment Characteristics
Applicable only to the voltage divider mode, by connecting a
discrete resistor in parallel as shown in Figure 68, a proportionately
lower voltage appears at Terminal A. This translates into a finer
degree of precision because the step size at Terminal W is smaller.
The voltage can be found as
(
) (
)
R1
R
R1
R
R2
V
D
D
V
AB
AB
DD
W
||
||
256
)
(
×


+
×
=
(17)
W
A
B
R1
R2
R1 << RAB
VDD
Figure 68. Decreasing Step Size by Lowering the Nominal Resistance
Figure 67 and Figure 68 show applications in which the digital
potentiometers change steps linearly. On the other hand, log
taper adjustment is usually preferred in applications such as
volume control. Figure 69 shows another method of resistance
scaling which produces a pseudolog taper output. In this circuit,
the smaller the value of R2 with respect to RAB, the more the
output approaches log type behavior.
VI
VO
A
B
R1
R2
Figure 69. Resistor Scaling with Log Adjustment Characteristics
RESISTANCE TOLERANCE, DRIFT, AND
TEMPERATURE COEFFICIENT MISMATCH
CONSIDERATIONS
In rheostat mode operation, such as the gain control circuit of
Figure 70, the tolerance mismatch between the digital potent-
iometer and the discrete resistor can cause repeatability issues
among various systems. Because of the inherent matching of the
silicon process, it is practical to apply the multichannel device
in this type of application. As such, R1 should be replaced by
one of the channels of the digital potentiometer. R1 should be
programmed to a specific value while R2 can be used for the
adjustable gain. Although it adds cost, this approach minimizes
the tolerance and temperature coefficient mismatch between R1
and R2. In addition, this approach also tracks the resistance drift
over time. As a result, these nonideal parameters become less
sensitive to system variations.
U1
C1
VI
R2
R11
VO
+
–
AD8601
W
B
A
1REPLACED WITH ANOTHER CHANNEL OF RDAC
Figure 70. Linear Gain Control with Tracking Resistance Tolerance and Drift
Notice that the circuit in Figure 71 can also be used to track the
tolerance, temperature coefficient, and drift in this particular
application. However, the characteristics of the transfer function
change from a linear to a pseudologarithmic gain function.
U1
VI
VO
V+
+
–
AD8601
B
W
A
R
C1
Figure 71. Nonlinear Gain Control with Tracking Resistance Tolerance
and Drift



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com