Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-AD5263EBZ Datasheet(PDF) 1 Page - Analog Devices

Part # EVAL-AD5263EBZ
Description  Quad, 15 V, 256-Position, Digital Potentiometer with Pin-Selectable SPI/I2C
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD5263EBZ Datasheet(HTML) 1 Page - Analog Devices

  EVAL-AD5263EBZ Datasheet HTML 1Page - Analog Devices EVAL-AD5263EBZ Datasheet HTML 2Page - Analog Devices EVAL-AD5263EBZ Datasheet HTML 3Page - Analog Devices EVAL-AD5263EBZ Datasheet HTML 4Page - Analog Devices EVAL-AD5263EBZ Datasheet HTML 5Page - Analog Devices EVAL-AD5263EBZ Datasheet HTML 6Page - Analog Devices EVAL-AD5263EBZ Datasheet HTML 7Page - Analog Devices EVAL-AD5263EBZ Datasheet HTML 8Page - Analog Devices EVAL-AD5263EBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Quad, 15 V, 256-Position, Digital
Potentiometer with Pin-Selectable SPI/I2C
Data Sheet
AD5263
Rev. F
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2003–2012 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
256-position, 4-channel
End-to-end resistance 20 kΩ, 50 kΩ, 200 kΩ
Pin-selectable SPI®- or I2C®-compatible interface
Power-on preset to midscale
Two package address decode pins AD0 and AD1
Rheostat mode temperature coefficient 30 ppm/°C
Voltage divider temperature coefficient 5 ppm/°C
Wide operating temperature range –40°C to +125°C
10 V to 15 V single supply; ±5 V dual supply
APPLICATIONS
Mechanical potentiometer replacement
Optical network adjustment
Instrumentation: gain, offset adjustment
Stereo channel audio level control
Automotive electronics adjustment
Programmable power supply
Programmable filters, delays, time constants
Line impedance matching
Low resolution DAC/trimmer replacement
Base station power amp biasing
Sensor calibration
FUNCTIONAL BLOCK DIAGRAM
SERIAL INPUT
REGISTER
AD5263
ADDRESS
DECODER
SPI/I2C
SELECT
LOGIC
GND
A1
W1
B1 A2
W2
B2 A3
W3
B3 A4
W4
B4
CS/AD0
SDI/SDA
CLK/SCL
VL
VDD
VSS
SHDN
RES/AD1
DIS
NC/O2
SDO/O1
RDAC 1
REGISTER
RDAC 2
REGISTER
RDAC 3
REGISTER
RDAC 4
REGISTER
8
Figure 1.
GENERAL DESCRIPTION
The AD5263 is the industry’s first quad-channel, 256-position,
digital potentiometer1 with a selectable digital interface. This
device performs the same electronic adjustment function as
mechanical potentiometers or variable resistors, with enhanced
resolution, solid-state reliability, and superior low temperature
coefficient performance.
Each channel of the AD5263 offers a completely programmable
value of resistance between the A terminal and the wiper or
between the B terminal and the wiper. The fixed A-to-B
terminal resistance of 20 kΩ, 50 kΩ, or 200 kΩ has a nominal
temperature coefficient of ±30 ppm/°C and a ±1% channel-to-
channel matching tolerance. Another key feature of this part is
the ability to operate from +4.5 V to +15 V, or at ±5 V.
Wiper position programming presets to midscale upon power-
on. Once powered, the VR wiper position is programmed by
either the 3-wire SPI or 2-wire I2C-compatible interface. In the
I2C mode, additional programmable logic outputs enable users
to drive digital loads, logic gates, and analog switches in their
systems.
The AD5263 is available in a narrow body, 24-lead TSSOP.
All parts are guaranteed to operate over the automotive
temperature range of –40°C to +125°C.
For single- or dual-channel applications, refer to the
AD5260/AD5280 or AD5262/AD5282 data sheets.
1 The terms digital potentiometer, VR, and RDAC are used interchangeably.


Similar Part No. - EVAL-AD5263EBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-AD5262EBZ AD-EVAL-AD5262EBZ Datasheet
610Kb / 24P
1-/2-Channel 15 V Digital Potentiometer
REV. A
More results

Similar Description - EVAL-AD5263EBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5161 AD-AD5161 Datasheet
361Kb / 7P
256-Position SPI/I2C Selectable Digital Potentiometer
AD5161 AD-AD5161 Datasheet
1,002Kb / 20P
256-Position SPI/I2C Selectable Digital Potentiometer
AD5161BRMZ10 AD-AD5161BRMZ10 Datasheet
503Kb / 20P
256-Position SPI/I2C Selectable Digital Potentiometer
REV. B
AD5162BRMZ10 AD-AD5162BRMZ10 Datasheet
830Kb / 20P
Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5160 AD-AD5160_09 Datasheet
467Kb / 16P
256-Position SPI-Compatible Digital Potentiometer
REV. B
AD5162BRMZ2.5 AD-AD5162BRMZ2.5 Datasheet
830Kb / 20P
Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5161BRMZ100 AD-AD5161BRMZ100 Datasheet
503Kb / 20P
256-Position SPI/I2C Selectable Digital Potentiometer
REV. B
AD5161 AD-AD5161_15 Datasheet
503Kb / 20P
256-Position SPI/IC Selectable Digital Potentiometer
REV. B
AD5162 AD-AD5162_15 Datasheet
830Kb / 20P
Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5124 AD-AD5124_17 Datasheet
829Kb / 36P
Quad Channel, 128-/256-Position, I2C/SPI, Nonvolatile Digital Potentiometer
7/2017-Rev. A to Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com