Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-AD5263EBZ Datasheet(PDF) 17 Page - Analog Devices

Part # EVAL-AD5263EBZ
Description  Quad, 15 V, 256-Position, Digital Potentiometer with Pin-Selectable SPI/I2C
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD5263EBZ Datasheet(HTML) 17 Page - Analog Devices

Back Button EVAL-AD5263EBZ Datasheet HTML 13Page - Analog Devices EVAL-AD5263EBZ Datasheet HTML 14Page - Analog Devices EVAL-AD5263EBZ Datasheet HTML 15Page - Analog Devices EVAL-AD5263EBZ Datasheet HTML 16Page - Analog Devices EVAL-AD5263EBZ Datasheet HTML 17Page - Analog Devices EVAL-AD5263EBZ Datasheet HTML 18Page - Analog Devices EVAL-AD5263EBZ Datasheet HTML 19Page - Analog Devices EVAL-AD5263EBZ Datasheet HTML 20Page - Analog Devices EVAL-AD5263EBZ Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
Data Sheet
AD5263
Rev. F | Page 17 of 28
OPERATION
The AD5263 is a quad-channel, 256-position, digitally
controlled, variable resistor (VR) device.
To program the VR settings, refer to the SPI-Compatible Digital
Interface (DIS = 0) section and the I2C-Compatible Digital
Interface (DIS = 1) section. The part has an internal power-on
preset that places the wiper at midscale during power-on,
simplifying the fault condition recovery at power-up. In addition,
the shutdown (SHDN) pin of AD5263 places the RDAC in an
almost zero-power consumption state where Terminal A is
open circuited and the wiper W is connected to Terminal B,
resulting in only leakage current consumption in the VR structure.
During shutdown, the VR latch settings are maintained or new
settings can be programmed. When the part is returned from
shutdown, the corresponding VR setting is applied to the RDAC.
Bx
Wx
Ax
SD BIT
D7
D6
D4
D5
D2
D3
D1
D0
RDAC
LATCH
AND
DECODER RS
RS
RS
RS
Figure 45. AD5263 Equivalent RDAC Circuit
PROGRAMMING THE VARIABLE RESISTOR
Rheostat Operation
The nominal resistance of the RDAC between Terminal A and
Terminal B is available in 20 kΩ, 50 kΩ, and 200 kΩ. The final
two or three digits of the part number determine the nominal
resistance value, for example, 20 kΩ = 20; 50 kΩ = 50;
200 kΩ = 200. The nominal resistance (RAB) of the VR has
256 contact points accessed by the wiper terminal, plus the B
terminal contact. The 8-bit data in the RDAC latch is decoded to
select one of the 256 possible settings. Assuming a 20 kΩ part is
used, the wiper’s first connection starts at the B terminal for data
0x00. Because there is a 60 Ω wiper contact resistance, such a
connection yields a minimum of 2 × 60 Ω resistance between the
W and B terminals. The second connection is the first tap point,
and corresponds to 198 Ω (RWB = RAB/256 + RW = 78 Ω + 2 ×
60 Ω) for Data 0x01. The third connection is the next tap point
representing 276 Ω (RWB = 78 Ω × 2 + 2 × 60 Ω) for Data 0x02,
and so on. Each LSB data value increase moves the wiper up the
resistor ladder until the last tap point is reached at 20,042 Ω
(RAB – 1 LSB + 2 × RW). Figure 45 shows a simplified diagram of
the equivalent RDAC circuit, where the last resistor string is not
accessed; therefore, there is 1 LSB less of the nominal resistance at
full scale in addition to the wiper resistance.
The general equation determining the digitally programmed
output resistance between the W and B terminals is
W
AB
WB
R
R
D
D
R
×
+
×
=
2
256
)
(
(1)
where:
D is the decimal equivalent of the binary code loaded in the 8-bit
RDAC register.
RAB is the end-to-end resistance.
RW is the wiper resistance contributed by the on-resistance of one
internal switch.
In summary, if RAB= 20 kΩ and the A terminal is open circuited,
the RDAC latch codes in Table 5 result in the corresponding output
resistance, RWB.
Table 5. Codes and Corresponding RWB Resistances
D (Dec)
RWB(Ω)
Output State
255
20,042
Full-scale (R
AB − 1 LSB + 2 × RW)
128
10,120
Midscale
1
198
1 LSB + 2 × R
W
0
120
Zero-scale (wiper contact resistance)
Note that in the zero-scale condition a finite wiper resistance of
120 Ω is present. Care should be taken to limit the current flow
between W and B in this state to a maximum pulse current of
no more than 20 mA. Otherwise, degradation or possible
destruction of the internal switch contact can occur.
Similar to the mechanical potentiometer, the resistance of the
RDAC between the W wiper and Terminal A also produces a
digitally controlled complementary resistance, RWA. When these
terminals are used, the B terminal can be opened. Setting the
resistance value for RWA starts at a maximum value of resistance
and decreases as the data loaded in the latch increases in value.
The general equation for this operation is
W
AB
WA
R
R
D
D
R
×
+
×
−
=
2
256
256
)
(
(2)
For RAB = 20 kΩ and the B terminal is open circuited, the RDAC
latch codes in Table 6 result in the corresponding output
resistance RWA.
Table 6. Codes and Corresponding RWA Resistances
D (Dec)
R
WA (Ω)
Output State
255
198
Full scale
128
10,120
Midscale
1
20,042
1 LSB + 2 × R
W
0
20,120
Zero scale



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com