Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-AD5263EBZ Datasheet(PDF) 16 Page - Analog Devices

Part # EVAL-AD5263EBZ
Description  Quad, 15 V, 256-Position, Digital Potentiometer with Pin-Selectable SPI/I2C
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD5263EBZ Datasheet(HTML) 16 Page - Analog Devices

Back Button EVAL-AD5263EBZ Datasheet HTML 12Page - Analog Devices EVAL-AD5263EBZ Datasheet HTML 13Page - Analog Devices EVAL-AD5263EBZ Datasheet HTML 14Page - Analog Devices EVAL-AD5263EBZ Datasheet HTML 15Page - Analog Devices EVAL-AD5263EBZ Datasheet HTML 16Page - Analog Devices EVAL-AD5263EBZ Datasheet HTML 17Page - Analog Devices EVAL-AD5263EBZ Datasheet HTML 18Page - Analog Devices EVAL-AD5263EBZ Datasheet HTML 19Page - Analog Devices EVAL-AD5263EBZ Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
AD5263
Data Sheet
Rev. F | Page 16 of 28
I2C-COMPATIBLE DIGITAL INTERFACE (DIS = 1)
The word format maps in this section use the following abbreviations.
Abbreviation
Description
S
Start condition.
P
Stop condition.
A
Acknowledge.
AD1, AD0
I2C device address bits. Must match with the logic states at Pin AD1 and Pin AD0. Refer to Figure 49.
A1, A0
RDAC channel select.
RS
Software reset wiper (A1, A0) to midscale position.
SD
Shutdown active high; ties wiper (A1, A0) to Terminal B, opens Terminal A, RDAC register contents are not disturbed.
To exit shutdown, the command SD = 0 must be executed for each RDAC (A1, A0).
O1, O2
Data to digital output pins, Pin O1 and Pin O2 in I2C mode, used to drive external logic. The logic high level is
determined by V
L and the logic low level is GND.
W
Write = 0.
R
Read = 1.
D7, D6, D5, D4, D3,
D2, D1, D0
Data bits.
X
Don’t care.
I2C WRITE MODE DATA-WORD FORMAT
S
0
1
0
1
1
AD1
AD0
W
A
X
A1
A0
RS
SD
O1
O2
X
A
D7
D6
D5
D4
D3
D2
D1
D0
A
P
Slave Address Byte
Instruction Byte
Data Byte
I2C READ MODE DATA-WORD FORMAT
S
0
1
0
1
1
AD1
AD0
R
A
D7
D8
D5
D4
D3
D2
D1
D0
A
P
Slave Address Byte
Data Byte
SCL
SDA
P
S
P
S
t8
t9
t9
t8
t3
t2
t1
t4
t7
t5
t10
t2
Figure 42. Detailed I2C Timing Diagram
SCL
START BY
MASTER
ACK BY
AD5263
STOP BY
MASTER
SDA
0
1
0
1
1
AD1 AD0 R/W
X
A1
RS
SD
O1
O2
X
1
9
1
9
D7
D6
D5
D4
D3
D2
D1
D0
ACK BY
AD5263
1
9
ACK BY
AD5263
A0
FRAME 1
SLAVE ADDRESS BYTE
FRAME 1
INSTRUCTION BYTE
FRAME 1
DATABYTE
Figure 43
. Writing to the RDAC Register
NO ACK
BY MASTER
SCL
SDA
0
1
0
1
1
AD1 AD0 R/W
D7
D6
D5
D4
D3
D2
D1
D0
1
9
1
9
FRAME 1
FRAME 2
START BY
MASTER
ACK BY
AD5263
SLAVE ADDRESS BYTE
RDAC REGISTER
STOP BY
MASTER
Figure 44. Reading Data from a Previously Selected RDAC Register in Write Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com