Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F107RB Datasheet(PDF) 60 Page - STMicroelectronics

Part # STM32F107RB
Description  Connectivity line, ARM-based 32-bit MCU with 64/256 KB Flash, USB OTG, Ethernet
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F107RB Datasheet(HTML) 60 Page - STMicroelectronics

Back Button STM32F107RB Datasheet HTML 56Page - STMicroelectronics STM32F107RB Datasheet HTML 57Page - STMicroelectronics STM32F107RB Datasheet HTML 58Page - STMicroelectronics STM32F107RB Datasheet HTML 59Page - STMicroelectronics STM32F107RB Datasheet HTML 60Page - STMicroelectronics STM32F107RB Datasheet HTML 61Page - STMicroelectronics STM32F107RB Datasheet HTML 62Page - STMicroelectronics STM32F107RB Datasheet HTML 63Page - STMicroelectronics STM32F107RB Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 103 page
background image
Electrical characteristics
STM32F105xx, STM32F107xx
60/104
Doc ID 15274 Rev 6
Input/output AC characteristics
The definition and values of input/output AC characteristics are given in Figure 22 and
Table 38, respectively.
Unless otherwise specified, the parameters given in Table 38 are derived from tests
performed under the ambient temperature and VDD supply voltage conditions summarized
in Table 9.
Table 38.
I/O AC characteristics(1)
1.
The I/O speed is configured using the MODEx[1:0] bits. Refer to the STM32F10xxx reference manual for a
description of GPIO Port configuration register.
MODEx[1:0]
bit value(1)
Symbol
Parameter
Conditions
Min
Max
Unit
10
fmax(IO)out Maximum frequency
(2)
2.
The maximum frequency is defined in Figure 22.
CL = 50 pF, VDD = 2 V to 3.6 V
2
MHz
tf(IO)out
Output high to low
level fall time
CL = 50 pF, VDD = 2 V to 3.6 V
125(3)
3.
Guaranteed by design, not tested in production.
ns
tr(IO)out
Output low to high
level rise time
125(3)
01
fmax(IO)out Maximum frequency
(2) C
L = 50 pF, VDD = 2 V to 3.6 V
10
MHz
tf(IO)out
Output high to low
level fall time
CL = 50 pF, VDD = 2 V to 3.6 V
25(3)
ns
tr(IO)out
Output low to high
level rise time
25(3)
11
Fmax(IO)out Maximum frequency
(2)
CL = 30 pF, VDD = 2.7 V to 3.6 V
50
MHz
CL = 50 pF, VDD = 2.7 V to 3.6 V
30
MHz
CL = 50 pF, VDD = 2 V to 2.7 V
20
MHz
tf(IO)out
Output high to low
level fall time
CL = 30 pF, VDD = 2.7 V to 3.6 V
5(3)
ns
CL = 50 pF, VDD = 2.7 V to 3.6 V
8(3)
CL = 50 pF, VDD = 2 V to 2.7 V
12(3)
tr(IO)out
Output low to high
level rise time
CL = 30 pF, VDD = 2.7 V to 3.6 V
5(3)
CL = 50 pF, VDD = 2.7 V to 3.6 V
8(3)
CL = 50 pF, VDD = 2 V to 2.7 V
12(3)
-tEXTIpw
Pulse width of
external signals
detected by the EXTI
controller
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com