Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F107RB Datasheet(PDF) 36 Page - STMicroelectronics

Part # STM32F107RB
Description  Connectivity line, ARM-based 32-bit MCU with 64/256 KB Flash, USB OTG, Ethernet
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F107RB Datasheet(HTML) 36 Page - STMicroelectronics

Back Button STM32F107RB Datasheet HTML 32Page - STMicroelectronics STM32F107RB Datasheet HTML 33Page - STMicroelectronics STM32F107RB Datasheet HTML 34Page - STMicroelectronics STM32F107RB Datasheet HTML 35Page - STMicroelectronics STM32F107RB Datasheet HTML 36Page - STMicroelectronics STM32F107RB Datasheet HTML 37Page - STMicroelectronics STM32F107RB Datasheet HTML 38Page - STMicroelectronics STM32F107RB Datasheet HTML 39Page - STMicroelectronics STM32F107RB Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 103 page
background image
Electrical characteristics
STM32F105xx, STM32F107xx
36/104
Doc ID 15274 Rev 6
5.3.2
Operating conditions at power-up / power-down
Subject to general operating conditions for TA.
Table 10.
Operating conditions at power-up / power-down
5.3.3
Embedded reset and power control block characteristics
The parameters given in Table 11 are derived from tests performed under ambient
temperature and VDD supply voltage conditions summarized in Table 9.
Symbol
Parameter
Conditions
Min
Max
Unit
tVDD
VDD rise time rate
0
µs/V
VDD fall time rate
20
Table 11.
Embedded reset and power control block characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VPVD
Programmable voltage
detector level selection
PLS[2:0]=000 (rising edge)
2.1
2.18
2.26
V
PLS[2:0]=000 (falling edge)
2
2.08
2.16
V
PLS[2:0]=001 (rising edge)
2.19
2.28
2.37
V
PLS[2:0]=001 (falling edge)
2.09
2.18
2.27
V
PLS[2:0]=010 (rising edge)
2.28
2.38
2.48
V
PLS[2:0]=010 (falling edge)
2.18
2.28
2.38
V
PLS[2:0]=011 (rising edge)
2.38
2.48
2.58
V
PLS[2:0]=011 (falling edge)
2.28
2.38
2.48
V
PLS[2:0]=100 (rising edge)
2.47
2.58
2.69
V
PLS[2:0]=100 (falling edge)
2.37
2.48
2.59
V
PLS[2:0]=101 (rising edge)
2.57
2.68
2.79
V
PLS[2:0]=101 (falling edge)
2.47
2.58
2.69
V
PLS[2:0]=110 (rising edge)
2.66
2.78
2.9
V
PLS[2:0]=110 (falling edge)
2.56
2.68
2.8
V
PLS[2:0]=111 (rising edge)
2.76
2.88
3
V
PLS[2:0]=111 (falling edge)
2.66
2.78
2.9
V
VPVDhyst
(2)
PVD hysteresis
100
mV
VPOR/PDR
Power on/power down
reset threshold
Falling edge
1.8(1)
1.
The product behavior is guaranteed by design down to the minimum VPOR/PDR value.
1.88
1.96
V
Rising edge
1.84
1.92
2.0
V
VPDRhyst
(2)
PDR hysteresis
40
mV
TRSTTEMPO
(2)
2.
Guaranteed by design, not tested in production.
Reset temporization
1
2.5
4.5
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com