Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F107RB Datasheet(PDF) 74 Page - STMicroelectronics

Part # STM32F107RB
Description  Connectivity line, ARM-based 32-bit MCU with 64/256 KB Flash, USB OTG, Ethernet
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F107RB Datasheet(HTML) 74 Page - STMicroelectronics

Back Button STM32F107RB Datasheet HTML 70Page - STMicroelectronics STM32F107RB Datasheet HTML 71Page - STMicroelectronics STM32F107RB Datasheet HTML 72Page - STMicroelectronics STM32F107RB Datasheet HTML 73Page - STMicroelectronics STM32F107RB Datasheet HTML 74Page - STMicroelectronics STM32F107RB Datasheet HTML 75Page - STMicroelectronics STM32F107RB Datasheet HTML 76Page - STMicroelectronics STM32F107RB Datasheet HTML 77Page - STMicroelectronics STM32F107RB Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 103 page
background image
Electrical characteristics
STM32F105xx, STM32F107xx
74/104
Doc ID 15274 Rev 6
Equation 1: RAIN max formula
The formula above (Equation 1) is used to determine the maximum external impedance allowed for an
error below 1/4 of LSB. Here N = 12 (from 12-bit resolution).
tlat
(2)
Injection trigger conversion latency
fADC = 14 MHz
0.214
µs
3(4)
1/fADC
tlatr
(2)
Regular trigger conversion latency
fADC = 14 MHz
0.143
µs
2(4)
1/fADC
tS
(2)
Sampling time
fADC = 14 MHz
0.107
17.1
µs
1.5
239.5
1/fADC
tSTAB
(2)
Power-up time
0
0
1
µs
tCONV
(2) Total conversion time (including
sampling time)
fADC = 14 MHz
1
18
µs
14 to 252 (tS for sampling +12.5 for
successive approximation)
1/fADC
1.
Based on characterization, not tested in production.
2.
Guaranteed by design, not tested in production.
3.
VREF+ is internally connected to VDDA and VREF- is internally connected to VSSA.
4.
For external triggers, a delay of 1/fPCLK2 must be added to the latency specified in Table 52.
Table 52.
ADC characteristics (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 53.
RAIN max for fADC = 14 MHz
(1)
1.
Based on characterization, not tested in production.
Ts (cycles)
tS (µs)
RAIN max (kΩ)
1.5
0.11
0.4
7.5
0.54
5.9
13.5
0.96
11.4
28.5
2.04
25.2
41.5
2.96
37.2
55.5
3.96
50
71.5
5.11
NA
239.5
17.1
NA
R
AIN
T
S
f
ADC
C
ADC
2
N2
+
()
ln
×
×
--------------------------------------------------------------
R
ADC
<



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com