Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F107RB Datasheet(PDF) 48 Page - STMicroelectronics

Part # STM32F107RB
Description  Connectivity line, ARM-based 32-bit MCU with 64/256 KB Flash, USB OTG, Ethernet
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F107RB Datasheet(HTML) 48 Page - STMicroelectronics

Back Button STM32F107RB Datasheet HTML 44Page - STMicroelectronics STM32F107RB Datasheet HTML 45Page - STMicroelectronics STM32F107RB Datasheet HTML 46Page - STMicroelectronics STM32F107RB Datasheet HTML 47Page - STMicroelectronics STM32F107RB Datasheet HTML 48Page - STMicroelectronics STM32F107RB Datasheet HTML 49Page - STMicroelectronics STM32F107RB Datasheet HTML 50Page - STMicroelectronics STM32F107RB Datasheet HTML 51Page - STMicroelectronics STM32F107RB Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 103 page
background image
Electrical characteristics
STM32F105xx, STM32F107xx
48/104
Doc ID 15274 Rev 6
resonator manufacturer for more details on the resonator characteristics (frequency,
package, accuracy).
Note:
For CL1 and CL2 it is recommended to use high-quality external ceramic capacitors in the
5 pF to 15 pF range selected to match the requirements of the crystal or resonator (see
Figure 17). CL1 and CL2, are usually the same size. The crystal manufacturer typically
specifies a load capacitance which is the series combination of CL1 and CL2.
Load capacitance CL has the following formula: CL = CL1 x CL2 / (CL1 + CL2) + Cstray where
Cstray is the pin capacitance and board or trace PCB-related capacitance. Typically, it is
between 2 pF and 7 pF.
Caution:
To avoid exceeding the maximum value of CL1 and CL2 (15 pF) it is strongly recommended
to use a resonator with a load capacitance CL 7 pF. Never use a resonator with a load
capacitance of 12.5 pF.
Example: if you choose a resonator with a load capacitance of CL = 6 pF, and Cstray = 2 pF,
then CL1 = CL2 = 8 pF.
Table 23.
LSE oscillator characteristics (fLSE = 32.768 kHz)
(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
RF
Feedback resistor
5M
Ω
C(2)
Recommended load capacitance
versus equivalent serial
resistance of the crystal (RS)
(3)
RS = 30 kΩ
15
pF
I2
LSE driving current
VDD = 3.3 V, VIN = VSS
1.4
µA
gm
Oscillator Transconductance
5
µA/V
tSU(LSE)
(4) Startup time
VDD is stabilized
TA = 50 °C
1.5
s
TA = 25 °C
2.5
TA = 10 °C
4
TA = 0 °C
6
TA = -10 °C
10
TA = -20 °C
17
TA = -30 °C
32
TA = -40 °C
60
1.
Based on characterization, not tested in production.
2.
Refer to the note and caution paragraphs below the table, and to the application note AN2867 “Oscillator design guide for ST
microcontrollers”.
3.
The oscillator selection can be optimized in terms of supply current using an high quality resonator with small RS value for example
MSIV-TIN32.768kHz. Refer to crystal manufacturer for more details
4.
tSU(LSE) is the startup time measured from the moment it is enabled (by software) to a stabilized 32.768 kHz oscillation is reached.
This value is measured for a standard crystal and it can vary significantly with the crystal manufacturer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com