Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F107RB Datasheet(PDF) 70 Page - STMicroelectronics

Part # STM32F107RB
Description  Connectivity line, ARM-based 32-bit MCU with 64/256 KB Flash, USB OTG, Ethernet
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F107RB Datasheet(HTML) 70 Page - STMicroelectronics

Back Button STM32F107RB Datasheet HTML 66Page - STMicroelectronics STM32F107RB Datasheet HTML 67Page - STMicroelectronics STM32F107RB Datasheet HTML 68Page - STMicroelectronics STM32F107RB Datasheet HTML 69Page - STMicroelectronics STM32F107RB Datasheet HTML 70Page - STMicroelectronics STM32F107RB Datasheet HTML 71Page - STMicroelectronics STM32F107RB Datasheet HTML 72Page - STMicroelectronics STM32F107RB Datasheet HTML 73Page - STMicroelectronics STM32F107RB Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 103 page
background image
Electrical characteristics
STM32F105xx, STM32F107xx
70/104
Doc ID 15274 Rev 6
USB OTG FS characteristics
The USB OTG interface is USB-IF certified (Full-Speed).
Figure 30.
USB OTG FS timings: definition of data signal rise and fall time
Table 45.
USB OTG FS startup time
Symbol
Parameter
Max
Unit
tSTARTUP
(1)
1.
Guaranteed by design, not tested in production.
USB OTG FS transceiver startup time
1
µs
Table 46.
USB OTG FS DC electrical characteristics
Symbol
Parameter
Conditions
Min.(1)
1.
All the voltages are measured from the local ground potential.
Typ. Max.(1) Unit
Input
levels
VDD
USB OTG FS operating
voltage
3.0(2)
2.
The STM32F105xx and STM32F107xx USB OTG FS functionality is ensured down to 2.7 V but not the full
USB OTG FS electrical characteristics which are degraded in the 2.7-to-3.0 V VDD voltage range.
3.6
V
VDI
(3)
3.
Guaranteed by design, not tested in production.
Differential input sensitivity
I(USBDP, USBDM)
0.2
V
VCM
(3) Differential common mode
range
Includes VDI range
0.8
2.5
VSE
(3)
Single ended receiver
threshold
1.3
2.0
Output
levels
VOL
Static output level low
RL of 1.5 kΩ to 3.6 V
(4)
4.
RL is the load connected on the USB OTG FS drivers
0.3
V
VOH
Static output level high
RL of 15 kΩ to VSS
(4)
2.8
3.6
RPD
Pull-down resistance on
PA11, PA12
VIN = VDD
17
21
24
k
Ω
Pull-down resistance on
PA9
0.65
1.1
2.0
RPU
Pull-up resistance on PA12
VIN = VSS
1.5
1.8
2.1
Pull-up resistance on PA9
VIN = VSS
0.25
0.37
0.55
ai14137
tf
Differen tial
data lines
VSS
VCRS
tr
Crossover
points



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com