Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F107RB Datasheet(PDF) 84 Page - STMicroelectronics

Part # STM32F107RB
Description  Connectivity line, ARM-based 32-bit MCU with 64/256 KB Flash, USB OTG, Ethernet
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F107RB Datasheet(HTML) 84 Page - STMicroelectronics

Back Button STM32F107RB Datasheet HTML 80Page - STMicroelectronics STM32F107RB Datasheet HTML 81Page - STMicroelectronics STM32F107RB Datasheet HTML 82Page - STMicroelectronics STM32F107RB Datasheet HTML 83Page - STMicroelectronics STM32F107RB Datasheet HTML 84Page - STMicroelectronics STM32F107RB Datasheet HTML 85Page - STMicroelectronics STM32F107RB Datasheet HTML 86Page - STMicroelectronics STM32F107RB Datasheet HTML 87Page - STMicroelectronics STM32F107RB Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 103 page
background image
Package characteristics
STM32F105xx, STM32F107xx
84/104
Doc ID 15274 Rev 6
Figure 41.
LQFP100, 100-pin low-profile quad flat
package outline(1)
Figure 42.
Recommended footprint(1)(2)
1.
Drawing is not to scale.
2.
Dimensions are in millimeters.
D
D1
D3
75
51
50
76
100
26
125
E3 E1 E
e
b
Pin 1
identification
SEATING PLANE
GAGE PLANE
C
A
A2
A1
C
ccc
0.25 mm
0.10 inch
L
L1
k
C
1L_ME
75
51
50
76
0.5
0.3
16.7
14.3
100
26
12.3
25
1.2
16.7
1
ai14906
Table 59.
LQPF100 – 100-pin low-profile quad flat package mechanical data
Symbol
millimeters
inches(1)
Typ
Min
Max
Typ
Min
Max
A
1.60
0.063
A1
0.05
0.15
0.002
0.0059
A2
1.40
1.35
1.45
0.0551
0.0531
0.0571
b
0.22
0.17
0.27
0.0087
0.0067
0.0106
c
0.09
0.20
0.0035
0.0079
D
16.00
15.80
16.20
0.6299
0.622
0.6378
D1
14.00
13.80
14.20
0.5512
0.5433
0.5591
D3
12.00
0.4724
E
16.00
15.80
16.20
0.6299
0.622
0.6378
E1
14.00
13.80
14.20
0.5512
0.5433
0.5591
E3
12.00
0.4724
e0.50
0.0197
L
0.60
0.45
0.75
0.0236
0.0177
0.0295
L1
1.00
0.0394
k
3.5°0°
7°3.5°
ccc
0.08
0.0031
1.
Values in inches are converted from mm and rounded to 4 decimal digits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com