Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F107RB Datasheet(PDF) 73 Page - STMicroelectronics

Part # STM32F107RB
Description  Connectivity line, ARM-based 32-bit MCU with 64/256 KB Flash, USB OTG, Ethernet
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F107RB Datasheet(HTML) 73 Page - STMicroelectronics

Back Button STM32F107RB Datasheet HTML 69Page - STMicroelectronics STM32F107RB Datasheet HTML 70Page - STMicroelectronics STM32F107RB Datasheet HTML 71Page - STMicroelectronics STM32F107RB Datasheet HTML 72Page - STMicroelectronics STM32F107RB Datasheet HTML 73Page - STMicroelectronics STM32F107RB Datasheet HTML 74Page - STMicroelectronics STM32F107RB Datasheet HTML 75Page - STMicroelectronics STM32F107RB Datasheet HTML 76Page - STMicroelectronics STM32F107RB Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 103 page
background image
STM32F105xx, STM32F107xx
Electrical characteristics
Doc ID 15274 Rev 6
73/104
CAN (controller area network) interface
Refer to Section 5.3.12: I/O current injection characteristics for more details on the
input/output alternate function characteristics (CANTX and CANRX).
5.3.17
12-bit ADC characteristics
Unless otherwise specified, the parameters given in Table 52 are derived from tests
performed under the ambient temperature, fPCLK2 frequency and VDDA supply voltage
conditions summarized in Table 9.
Note:
It is recommended to perform a calibration after each power-up.
Table 51.
Dynamic characteristics: Ethernet MAC signals for MII
Symbol
Rating
Min
Typ
Max
Unit
tsu(RXD)
Receive data setup time
10
ns
tih(RXD)
Receive data hold time
10
ns
tsu(DV)
Data valid setup time
10
ns
tih(DV)
Data valid hold time
10
ns
tsu(ER)
Error setup time
10
ns
tih(ER)
Error hold time
10
ns
td(TXEN)
Transmit enable valid delay time
14
16
18
ns
td(TXD)
Transmit data valid delay time
13
16
20
ns
Table 52.
ADC characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDDA
Power supply
2.4
3.6
V
VREF+ Positive reference voltage
2.4
VDDA
V
IVREF
Current on the VREF input pin
160(1)
220(1)
µA
fADC
ADC clock frequency
0.6
14
MHz
fS
(2)
Sampling rate
0.05
1
MHz
fTRIG
(2)
External trigger frequency
fADC = 14 MHz
823
kHz
17
1/fADC
VAIN
Conversion voltage range(3)
0 (VSSA or VREF-
tied to ground)
VREF+
V
RAIN
(2)
External input impedance
See Equation 1 and
Table 53 for details
50
k
Ω
RADC
(2)
Sampling switch resistance
1
k
Ω
CADC
(2)
Internal sample and hold capacitor
8
pF
tCAL
(2)
Calibration time
fADC = 14 MHz
5.9
µs
83
1/fADC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com