Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F107RB Datasheet(PDF) 34 Page - STMicroelectronics

Part # STM32F107RB
Description  Connectivity line, ARM-based 32-bit MCU with 64/256 KB Flash, USB OTG, Ethernet
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F107RB Datasheet(HTML) 34 Page - STMicroelectronics

Back Button STM32F107RB Datasheet HTML 30Page - STMicroelectronics STM32F107RB Datasheet HTML 31Page - STMicroelectronics STM32F107RB Datasheet HTML 32Page - STMicroelectronics STM32F107RB Datasheet HTML 33Page - STMicroelectronics STM32F107RB Datasheet HTML 34Page - STMicroelectronics STM32F107RB Datasheet HTML 35Page - STMicroelectronics STM32F107RB Datasheet HTML 36Page - STMicroelectronics STM32F107RB Datasheet HTML 37Page - STMicroelectronics STM32F107RB Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 103 page
background image
Electrical characteristics
STM32F105xx, STM32F107xx
34/104
Doc ID 15274 Rev 6
5.2
Absolute maximum ratings
Stresses above the absolute maximum ratings listed in Table 6: Voltage characteristics,
Table 7: Current characteristics, and Table 8: Thermal characteristics may cause permanent
damage to the device. These are stress ratings only and functional operation of the device
at these conditions is not implied. Exposure to maximum rating conditions for extended
periods may affect device reliability.
Table 6.
Voltage characteristics
Symbol
Ratings
Min
Max
Unit
VDD–VSS
External main supply voltage (including VDDA
and VDD)
(1)
1.
All main power (VDD, VDDA) and ground (VSS, VSSA) pins must always be connected to the external power
supply, in the permitted range.
–0.3
4.0
V
VIN
(2)
2.
VIN maximum must always be respected. Refer to Table 7: Current characteristics for the maximum
allowed injected current values.
Input voltage on five volt tolerant pin
VSS − 0.3
VDD + 4.0
Input voltage on any other pin
VSS − 0.3
4.0
|
ΔV
DDx|
Variations between different VDD power pins
50
mV
|VSSX − VSS| Variations between all the different ground pins
50
VESD(HBM)
Electrostatic discharge voltage (human body
model)
see Section 5.3.11:
Absolute maximum ratings
(electrical sensitivity)
Table 7.
Current characteristics
Symbol
Ratings
Max.
Unit
IVDD
Total current into VDD/VDDA power lines (source)
(1)
1.
All main power (VDD, VDDA) and ground (VSS, VSSA) pins must always be connected to the external power
supply, in the permitted range.
150
mA
IVSS
Total current out of VSS ground lines (sink)
(1)
150
IIO
Output current sunk by any I/O and control pin
25
Output current source by any I/Os and control pin
− 25
IINJ(PIN)
(2)
2.
Negative injection disturbs the analog performance of the device. See Note: on page 75.
Injected current on five volt tolerant pins(3)
3.
Positive injection is not possible on these I/Os. A negative injection is induced by VIN<VSS. IINJ(PIN) must
never be exceeded. Refer to Table 6: Voltage characteristics for the maximum allowed input voltage
values.
-5/+0
Injected current on any other pin(4)
4.
A positive injection is induced by VIN>VDD while a negative injection is induced by VIN<VSS. IINJ(PIN) must
never be exceeded. Refer to Table 6: Voltage characteristics for the maximum allowed input voltage
values.
± 5
ΣI
INJ(PIN)
Total injected current (sum of all I/O and control pins)(5)
5.
When several inputs are submitted to a current injection, the maximum
ΣI
INJ(PIN) is the absolute sum of the
positive and negative injected currents (instantaneous values).
± 25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com