Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F107RB Datasheet(PDF) 38 Page - STMicroelectronics

Part # STM32F107RB
Description  Connectivity line, ARM-based 32-bit MCU with 64/256 KB Flash, USB OTG, Ethernet
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F107RB Datasheet(HTML) 38 Page - STMicroelectronics

Back Button STM32F107RB Datasheet HTML 34Page - STMicroelectronics STM32F107RB Datasheet HTML 35Page - STMicroelectronics STM32F107RB Datasheet HTML 36Page - STMicroelectronics STM32F107RB Datasheet HTML 37Page - STMicroelectronics STM32F107RB Datasheet HTML 38Page - STMicroelectronics STM32F107RB Datasheet HTML 39Page - STMicroelectronics STM32F107RB Datasheet HTML 40Page - STMicroelectronics STM32F107RB Datasheet HTML 41Page - STMicroelectronics STM32F107RB Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 103 page
background image
Electrical characteristics
STM32F105xx, STM32F107xx
38/104
Doc ID 15274 Rev 6
Table 13.
Maximum current consumption in Run mode, code with data processing
running from Flash
Symbol
Parameter
Conditions
fHCLK
Max(1)
1.
Based on characterization, not tested in production.
Unit
TA = 85 °C
TA = 105 °C
IDD
Supply current in
Run mode
External clock(2), all
peripherals enabled
2.
External clock is 8 MHz and PLL is on when fHCLK > 8 MHz.
72 MHz
68
68.4
mA
48 MHz
49
49.2
36 MHz
38.7
38.9
24 MHz
27.3
27.9
16 MHz
20.2
20.5
8 MHz
10.2
10.8
External clock(3), all
peripherals disabled
72 MHz
32.7
32.9
48 MHz
25
25.2
36 MHz
20.3
20.6
24 MHz
14.8
15.1
16 MHz
11.2
11.7
8 MHz
6.6
7.2
Table 14.
Maximum current consumption in Run mode, code with data processing
running from RAM
Symbol
Parameter
Conditions
fHCLK
Max(1)
1.
Based on characterization, tested in production at VDD max, fHCLK max..
Unit
TA = 85 °C
TA = 105 °C
IDD
Supply
current in
Run mode
External clock(2), all
peripherals enabled
2.
External clock is 8 MHz and PLL is on when fHCLK > 8 MHz.
72 MHz
65.5
66
mA
48 MHz
45.4
46
36 MHz
35.5
36.1
24 MHz
25.2
25.6
16 MHz
18
18.5
8 MHz
10.5
11
External clock(3), all
peripherals disabled
72 MHz
31.4
31.9
48 MHz
27.8
28.2
36 MHz
17.6
18.3
24 MHz
13.1
13.8
16 MHz
10.2
10.9
8 MHz
6.1
7.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com