Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED5000 Datasheet(PDF) 6 Page - STMicroelectronics

Part # LED5000
Description  3 A monolithic step-down current source with dimming capability
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED5000 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button LED5000 Datasheet HTML 2Page - STMicroelectronics LED5000 Datasheet HTML 3Page - STMicroelectronics LED5000 Datasheet HTML 4Page - STMicroelectronics LED5000 Datasheet HTML 5Page - STMicroelectronics LED5000 Datasheet HTML 6Page - STMicroelectronics LED5000 Datasheet HTML 7Page - STMicroelectronics LED5000 Datasheet HTML 8Page - STMicroelectronics LED5000 Datasheet HTML 9Page - STMicroelectronics LED5000 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 52 page
background image
Pin settings
LED5000
6/51
Doc ID 023951 Rev 1
1
Pin settings
1.1
Pin connection
Figure 2.
Pin connection (top view)
1.2
Pin description
HSOP8
AM13486v1
Table 1.
Pin description
Type
Description
1
BOOT
Analog circuitry power supply connection
2DIM
Dimming control input. Logic low prevents the switching activity, logic
high enables it. A square wave on this pin implements LEDs current
PWM dimming. Connect to VIN if not used (see
Chapter 5.8)
3
INH
Inhibit pin. Connect to GND if not used.
4
COMP
Analog circuitry
5FB
Feedback input. Connect a proper sensing resistor to set the LED
current
6
GND
Ground connection
7
VIN
Power input voltage
8
SW
Switching node
-e.p.
Exposed pad to be connected to GND to increase the package
thermal performance and the device noise immunity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com