Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED5000 Datasheet(PDF) 1 Page - STMicroelectronics

Part # LED5000
Description  3 A monolithic step-down current source with dimming capability
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED5000 Datasheet(HTML) 1 Page - STMicroelectronics

  LED5000 Datasheet HTML 1Page - STMicroelectronics LED5000 Datasheet HTML 2Page - STMicroelectronics LED5000 Datasheet HTML 3Page - STMicroelectronics LED5000 Datasheet HTML 4Page - STMicroelectronics LED5000 Datasheet HTML 5Page - STMicroelectronics LED5000 Datasheet HTML 6Page - STMicroelectronics LED5000 Datasheet HTML 7Page - STMicroelectronics LED5000 Datasheet HTML 8Page - STMicroelectronics LED5000 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
This is information on a product in full production.
January 2013
Doc ID 023951 Rev 1
1/51
51
LED5000
3 A monolithic step-down current source with dimming capability
Datasheet
− production data
Features
■ 5.5 V to 48 V operating input voltage range
■ 850 kHz fixed switching frequency
■ 200 mV typ. current sense voltage drop
■ buck / buck-boost / floating boost topologies
■ PWM dimming
■ ±3% output current accuracy over temperature
■ 200 mW typical RDSON
■ Peak current mode architecture
■ Short-circuit protection
■ Compliant with ceramic output capacitors
■ Inhibit for zero current consumption
■ Thermal shutdown
Applications
■ High brightness LED driving
■ Street lighting
■ Signage
■ Halogen bulb replacement
■ General lighting
Description
The LED5000 is an 850 kHz fixed switching
frequency monolithic step-down DC-DC converter
designed to operate as a precise constant current
source with an adjustable current capability up to
3 A DC. The embedded PWM dimming circuitry
features LED brightness control. The regulated
output current level is set by connecting a sensing
resistor to the feedback pin. The 200 mV typical
RSENSE voltage drop enhances performance in
terms of efficiency. The size of the overall
application is minimized thanks to the high
switching frequency and its compatibility with
ceramic output capacitors. The device is fully
protected against overheating, overcurrent and
output short-circuit. The LED5000 is available in
an HSOP8 package.
Figure 1.
Typical application circuit
HPSO8
CIN
CFLT
VIN
GND
DIM
RS
COUT
U1
LED5000
BOOT
1
DIM
2
INH
3
COMP
4
GND
6
SW
8
VIN
7
FB
5
L
AM13485v1
www.st.com


Similar Part No. - LED5000

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
LED505-66-60 ROITHNER-LED505-66-60 Datasheet
136Kb / 2P
High Power LED Array
logo
List of Unclassifed Man...
LED50W-012 ETC2-LED50W-012 Datasheet
827Kb / 4P
Switch Mode LED Drivers
LED50W-012 ETC2-LED50W-012 Datasheet
788Kb / 3P
Switch Mode LED Drivers
LED50W-012-C4200 ETC2-LED50W-012-C4200 Datasheet
788Kb / 3P
Switch Mode LED Drivers
LED50W-012-C4200-XX ETC2-LED50W-012-C4200-XX Datasheet
827Kb / 4P
Switch Mode LED Drivers
More results

Similar Description - LED5000

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7530 INTERSIL-EL7530 Datasheet
476Kb / 11P
Monolithic 600mA Step-Down Regulator with Low Quiescent Current
August 10, 2005
logo
STMicroelectronics
ST1S10 STMICROELECTRONICS-ST1S10 Datasheet
787Kb / 26P
3 A, 900 kHz, monolithic synchronous step-down regulator
25-Oct-2007
logo
Richtek Technology Corp...
RT9302 RICHTEK-RT9302_11 Datasheet
128Kb / 9P
60mA 3-Channel Pulse Dimming Current Source LED Driver
logo
STMicroelectronics
ST1CC40 STMICROELECTRONICS-ST1CC40 Datasheet
1Mb / 37P
3 A monolithic step-down current source with synchronous rectification
18-Jun-2013
LED2000 STMICROELECTRONICS-LED2000 Datasheet
2Mb / 40P
3 A monolithic step-down current source with synchronous rectification
18-Jun-2013
PM8903 STMICROELECTRONICS-PM8903 Datasheet
2Mb / 34P
3 A step-down monolithic switching regulator
01-Feb-2012
LED2001PHR STMICROELECTRONICS-LED2001PHR Datasheet
2Mb / 42P
4 A monolithic step-down current source with synchronous rectification
May 2013 Rev 1
LED6000 STMICROELECTRONICS-LED6000 Datasheet
2Mb / 49P
3 A, 61 V monolithic current source with dimming capability
15-May-2015
PM8903A STMICROELECTRONICS-PM8903A Datasheet
2Mb / 33P
3 A step-down monolithic switching regulator
11-Jan-2013
logo
Shenzhen Huazhimei Semi...
HM7151 HMSEMI-HM7151 Datasheet
498Kb / 6P
Non-isolated step-down LED constant current driver with thyristor dimming
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com