Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED5000 Datasheet(PDF) 7 Page - STMicroelectronics

Part # LED5000
Description  3 A monolithic step-down current source with dimming capability
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED5000 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button LED5000 Datasheet HTML 3Page - STMicroelectronics LED5000 Datasheet HTML 4Page - STMicroelectronics LED5000 Datasheet HTML 5Page - STMicroelectronics LED5000 Datasheet HTML 6Page - STMicroelectronics LED5000 Datasheet HTML 7Page - STMicroelectronics LED5000 Datasheet HTML 8Page - STMicroelectronics LED5000 Datasheet HTML 9Page - STMicroelectronics LED5000 Datasheet HTML 10Page - STMicroelectronics LED5000 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
LED5000
Maximum ratings
Doc ID 023951 Rev 1
7/51
2
Maximum ratings
2.1
Maximum ratings
2.2
Thermal data
2.3
ESD protection
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VIN
Power supply input voltage
-0.3 to 52
V
VINH
Inhibit input
-0.3 to 7
V
VDIM
Dimming input
-0.3 to (VIN+0.3)
V
VCOMP
Comp output
-0.3 to 3
V
BOOT
Bootstrap pin
-0.3 to 55
V
SW
Switching node
-1 to (VIN+0.3)
V
VFB
Feedback voltage
-0.3 to 3
V
TJ
Operating junction temperature range
-40 to 150
°C
TSTG
Storage temperature range
-65 to 150
°C
TLEAD
Lead temperature (soldering 10 sec.)
260
°C
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
Rth JA
Thermal resistance junction-ambient
40
° C/W
Table 4.
ESD protection
Symbol
Test condition
Value
Unit
ESD
HBM
4
KV
MM
500
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com