Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED5000 Datasheet(PDF) 8 Page - STMicroelectronics

Part # LED5000
Description  3 A monolithic step-down current source with dimming capability
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED5000 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button LED5000 Datasheet HTML 4Page - STMicroelectronics LED5000 Datasheet HTML 5Page - STMicroelectronics LED5000 Datasheet HTML 6Page - STMicroelectronics LED5000 Datasheet HTML 7Page - STMicroelectronics LED5000 Datasheet HTML 8Page - STMicroelectronics LED5000 Datasheet HTML 9Page - STMicroelectronics LED5000 Datasheet HTML 10Page - STMicroelectronics LED5000 Datasheet HTML 11Page - STMicroelectronics LED5000 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
Electrical characteristics
LED5000
8/51
Doc ID 023951 Rev 1
3
Electrical characteristics
All tests performed at TJ = 25 °C, VCC = 12 V, VINH =0 V unless otherwise specified. The
specification is guaranteed from (-40 to +125) TJ temperature range by design,
characterization and statistical correlation.
Table 5.
Electrical characteristics
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
VIN
Operating input
voltage range
5.5
48
V
RDS(on)
MOSFET on
resistance
ISW=1 A
0.2
0.4
Ω
ISW
Maximum limiting
current
3.7
4.5
5.2
A
tHICCUP Hiccup time
16
ms
fSW
Switching frequency
600
850
1000
kHz
Duty cycle
(1)
90
%
TON MIN
Minimum conduction
time of the power
element
(1)
90
ns
TOFF MIN
Minimum conduction
time of the external
diode
(1)
75
90
120
ns
DC characteristics
VFB
Voltage feedback
194
200
206
mV
IFB
FB biasing current
50
nA
Iq
Quiescent current
VDIM>1.5 V
1.3
2
mA
VDIM>1.5 V, VIN=48 V
1.7
2.4
mA
Iqst-by
Standby quiescent
current
VINH>1.5 V
12
16
34
μA
Inhibit
VINH
Inhibit levels
Device ON
VIN=5.5 V to 48 V
0.5
V
Device OFF
VIN=5.5 V to 48 V
1.5
V
IINH
Inhibit biasing current
VINH=5 V
0.7
1.6
2.5
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com