Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED5000 Datasheet(PDF) 10 Page - STMicroelectronics

Part # LED5000
Description  3 A monolithic step-down current source with dimming capability
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED5000 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button LED5000 Datasheet HTML 6Page - STMicroelectronics LED5000 Datasheet HTML 7Page - STMicroelectronics LED5000 Datasheet HTML 8Page - STMicroelectronics LED5000 Datasheet HTML 9Page - STMicroelectronics LED5000 Datasheet HTML 10Page - STMicroelectronics LED5000 Datasheet HTML 11Page - STMicroelectronics LED5000 Datasheet HTML 12Page - STMicroelectronics LED5000 Datasheet HTML 13Page - STMicroelectronics LED5000 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
Functional description
LED5000
10/51
Doc ID 023951 Rev 1
4
Functional description
The LED5000 is based on a “peak current mode” architecture with fixed frequency control.
As a consequence the intersection between the error amplifier output and the sensed
inductor current generates the control signal to drive the power switch.
The main internal blocks shown in the block diagram in
Figure 3 are:
●
A fully integrated sawtooth oscillator with a typical frequency of 850 kHz
●
A transconductance error amplifier
●
An high side current sense amplifier to track the inductor current
●
A pulse width modulator (PWM) comparator and the circuitry necessary to drive the
internal power element
●
The soft-start circuitry to decrease the inrush current at power-up
●
The dimming block to implement PWM dimming
●
The inhibit block for standby operation
●
The current limitation circuit based on the pulse-by-pulse current and the HICCUP
protection
●
The bootstrap circuitry to drive the embedded N-MOS switch
●
A circuit to implement the thermal protection function
Figure 3.
LED5000 block diagram
VIN
OSC
E/A
DRIVER
DRIVER
DMD
MOSFET
CONTROL
LOGIC
REGULATOR
DIMMING
I_ SENSE
COMP
COMP
OCP
REF
0.1V
SOFTSTART
Vsum
Vc
OCP
UVLO
Vdrv_p
Vdrv_n
I2V
R SENSE
SW
GND
DIM
FB
COMP
INH
INH
AM13487v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com