Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED5000 Datasheet(PDF) 9 Page - STMicroelectronics

Part # LED5000
Description  3 A monolithic step-down current source with dimming capability
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED5000 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button LED5000 Datasheet HTML 5Page - STMicroelectronics LED5000 Datasheet HTML 6Page - STMicroelectronics LED5000 Datasheet HTML 7Page - STMicroelectronics LED5000 Datasheet HTML 8Page - STMicroelectronics LED5000 Datasheet HTML 9Page - STMicroelectronics LED5000 Datasheet HTML 10Page - STMicroelectronics LED5000 Datasheet HTML 11Page - STMicroelectronics LED5000 Datasheet HTML 12Page - STMicroelectronics LED5000 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
LED5000
Electrical characteristics
Doc ID 023951 Rev 1
9/51
Dimming
VDIM
Dimming levels
Switching activity
VIN=5.5 V to 48 V
2.2
V
Switching activity
prevented
VIN=5.5 V to 48 V
0.5
V
Error amplifier
VOH
High level output
voltage
VFB = 0 V
3
V
VOL
Low level output
voltage
VFB = 400 mV
150
mV
Io source
Source output current
VCOMP = 1.5 V; VFB = 0 V
16
23
30
μA
Io sink
Sink output current
VCOMP = 1.5 V; VFB = 0.4
V
16
23
30
μA
Ib
Source bias current
VFB = 250 mV
50
nA
DC open loop gain
RL =
∞
(1)
90
dB
gm
Transconductance
ICOMP = TBD;
VCOMP = TBD
220
μS
Thermal shutdown
TSHDWN
Thermal shutdown
temperature
(1)
140
150
160
° C
THYS
Thermal shutdown
hysteresis
(1)
15
° C
1.
Parameter guaranteed by design
Table 5.
Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com