Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED5000 Datasheet(PDF) 13 Page - STMicroelectronics

Part # LED5000
Description  3 A monolithic step-down current source with dimming capability
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED5000 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button LED5000 Datasheet HTML 9Page - STMicroelectronics LED5000 Datasheet HTML 10Page - STMicroelectronics LED5000 Datasheet HTML 11Page - STMicroelectronics LED5000 Datasheet HTML 12Page - STMicroelectronics LED5000 Datasheet HTML 13Page - STMicroelectronics LED5000 Datasheet HTML 14Page - STMicroelectronics LED5000 Datasheet HTML 15Page - STMicroelectronics LED5000 Datasheet HTML 16Page - STMicroelectronics LED5000 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 52 page
background image
LED5000
Application notes - buck conversion
Doc ID 023951 Rev 1
13/51
5
Application notes - buck conversion
5.1
Closing the loop
Figure 6.
Block diagram of the loop
5.2
GCO(s) control to output transfer function
The accurate control to output transfer function for a buck peak current mode converter can
be written as:
Equation 1
where RLOAD represents the load resistance (see Chapter 5.4), RCS the equivalent sensing
resistor of the current sense circuitry,
ωp the single pole introduced by the LC filter and ωz the
zero given by the ESR of the output capacitor.
FH(s) accounts the sampling effect performed by the PWM comparator on the output of the
error amplifier that introduces a double pole at one half of the switching frequency.
VIN
-
+
-
LC filter
VREF
error
amplifier
FB
compensation
network
PWM
comparator
HS
switch
RS
L
COUT
RC
CC
+
PWM control
Current sense
LS
switch
VOUT
VCONTROL
GCO(s)
AO(s)
αα
LED
AM13490v1
G
CO s
()
R
LOAD
R
CS
------------------
1
1
R
0
T
SW
⋅
L
--------------------------
m
C
1D
–
() 0.5
–
⋅
[]
⋅
+
-------------------------------------------------------------------------------------------------
1
s
ω
z
-----
+
⎝⎠
⎛⎞
1
s
ω
p
-----
+
⎝⎠
⎛⎞
---------------------
F
H s
()
⋅⋅
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com