Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED5000 Datasheet(PDF) 17 Page - STMicroelectronics

Part # LED5000
Description  3 A monolithic step-down current source with dimming capability
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED5000 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button LED5000 Datasheet HTML 13Page - STMicroelectronics LED5000 Datasheet HTML 14Page - STMicroelectronics LED5000 Datasheet HTML 15Page - STMicroelectronics LED5000 Datasheet HTML 16Page - STMicroelectronics LED5000 Datasheet HTML 17Page - STMicroelectronics LED5000 Datasheet HTML 18Page - STMicroelectronics LED5000 Datasheet HTML 19Page - STMicroelectronics LED5000 Datasheet HTML 20Page - STMicroelectronics LED5000 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 52 page
background image
LED5000
Application notes - buck conversion
Doc ID 023951 Rev 1
17/51
Figure 9.
Load equivalent circuit
As a consequence the LED equivalent circuit gives the
αLED(s) term correlating the output
voltage with the high impedance FB input:
Equation 13
5.5
Total loop gain
In summary, the open loop gain can be expressed as:
Equation 14
5.6
Compensation network design
The maximum bandwidth of the system can be designed up to fSW/6 to guarantee a valid
small signal model.
Equation 15
where
ω
P (Equation 3) is the pole introduced by the power components. The following
calculations are valid in the hypothesis that BW >
ω
P which is the typical condition.
VIN
VIN
Rd1
Rd1
COUT
COUT
LL
Rd2
Rd2
Rs
Rs
Dled1
Dled1
Rs
Rs
D1
D1
D
D
COUT
COUT
VIN
VIN
LL
Dled2
Dled2
AM13493v1
α
LED nLED
()
R
SENSE
n
LED
r
LED
R
SENSE
+
⋅
------------------------------------------------------------
=
Gs
()
G
CO s
() A
0 s
() α
LED nLED
()
⋅⋅
=
ω
P
2
π
⋅
-------------
BW
<
BW
MAX
≤
f
SW
6
---------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com