Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED5000 Datasheet(PDF) 46 Page - STMicroelectronics

Part # LED5000
Description  3 A monolithic step-down current source with dimming capability
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED5000 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button LED5000 Datasheet HTML 42Page - STMicroelectronics LED5000 Datasheet HTML 43Page - STMicroelectronics LED5000 Datasheet HTML 44Page - STMicroelectronics LED5000 Datasheet HTML 45Page - STMicroelectronics LED5000 Datasheet HTML 46Page - STMicroelectronics LED5000 Datasheet HTML 47Page - STMicroelectronics LED5000 Datasheet HTML 48Page - STMicroelectronics LED5000 Datasheet HTML 49Page - STMicroelectronics LED5000 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 52 page
background image
Application notes - alternative topologies
LED5000
46/51
Doc ID 023951 Rev 1
Equation 80
where K represents the leading position of the FZ (Equation 11) in respect to the system
bandwidth. In general a decade (K=10) gives enough phase margin to the overall small loop
transfer function.
6.4.2
fp > BW
In case the pole fp is outside the system bandwidth BW, the component values composing
the compensation network can be calculated as:
Equation 81
and
Equation 82
where K represents the leading position of the FZ (Equation 11) in respect to the pole fp.
C
C
K
2
π R
⋅⋅
C
BW
⋅
---------------------------------------------
=
R
C
R
EA
A
0
----------
BW
f
p
---------
⋅
=
C
C
K
2
π R
⋅⋅
C
f
p
⋅
----------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com