Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAS3023 Datasheet(PDF) 4 Page - Analog Devices

Part # ADAS3023
Description  16-Bit, 8-Channel Simultaneous Sampling Data Acquisition System
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAS3023 Datasheet(HTML) 4 Page - Analog Devices

  ADAS3023 Datasheet HTML 1Page - Analog Devices ADAS3023 Datasheet HTML 2Page - Analog Devices ADAS3023 Datasheet HTML 3Page - Analog Devices ADAS3023 Datasheet HTML 4Page - Analog Devices ADAS3023 Datasheet HTML 5Page - Analog Devices ADAS3023 Datasheet HTML 6Page - Analog Devices ADAS3023 Datasheet HTML 7Page - Analog Devices ADAS3023 Datasheet HTML 8Page - Analog Devices ADAS3023 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
ADAS3023
Data Sheet
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit1
Dynamic Range
fIN = 1 kHz, −60 dB input
PGIA gain = 0.2
91.0
92
dB
PGIA gain = 0.4
90.5
91.5
dB
PGIA gain = 0.8
88.0
89.5
dB
PGIA gain = 1.6
86.0
87.0
dB
Total Harmonic Distortion
fIN = 1 kHz, all PGIA gains
−100
dB
Spurious-Free Dynamic Range
fIN = 1 kHz, all PGIA gains
105
dB
Channel-to-Channel Crosstalk
fIN = 1 kHz, all channels inactive
95
dB
DC Common-Mode Rejection Ratio
(CMRR)
All channels
PGIA gain = 0.2
95.0
dB
PGIA gain = 0.4
95.0
dB
PGIA gain = 0.8
95.0
dB
PGIA gain = 1.6
95.0
dB
−3 dB Input Bandwidth
−40 dBFS
8
MHz
INTERNAL REFERENCE
REFx Pins
Output Voltage
TA = 25°C
4.088
4.096
4.104
V
Output Current
TA = 25°C
250
µA
Temperature Drift
REFEN bit = 1
±5
ppm/°C
REFEN bit = 0, REFIN pin = 2.5V
±1
ppm/°C
Line Regulation
Internal Reference
AVDD = 5 V ± 5%
20
μV/V
Buffer Only
AVDD = 5 V ± 5%
4
ppm
REFIN Output Voltage6
TA = 25°C
2.495
2.5
2.505
V
Turn-On Settling Time
CREFIN, CREF1, CREF2 = 10 µF||0.1 µF
100
ms
EXTERNAL REFERENCE
REFEN bit = 0
Voltage Range
REFx input, REFIN = 0 V
4.000
4.096
4.104
V
REFIN input (buffered)
2.5
2.505
V
Current Drain
fS = 500 kSPS
100
µA
DIGITAL INPUTS
Logic Levels
VIL
VIO > 3 V
−0.3
+0.3 × VIO
V
VIH
VIO > 3 V
0.7 × VIO
VIO + 0.3
V
VIL
VIO ≤ 3 V
−0.3
+0.1 × VIO
V
VIH
VIO ≤ 3 V
0.9 × VIO
VIO + 0.3
V
IIL
−1
+1
µA
IIH
−1
+1
µA
DIGITAL OUTPUTS7
Data Format
Twos complement
VOL
ISINK = +500 µA
0.4
V
VOH
ISOURCE = −500 µA
VIO − 0.3
V
POWER SUPPLIES
VIO
1.8
AVDD + 0.3
V
AVDD
4.75
5
5.25
V
DVDD
4.75
5
5.25
V
VDDH
VDDH > input voltage + 2.5 V
14.25
15
15.75
V
VSSH
VSSH < input voltage − 2.5 V
−15.75
−15
−14.25
V
Rev. 0 | Page 4 of 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com