Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAS3023 Datasheet(PDF) 1 Page - Analog Devices

Part # ADAS3023
Description  16-Bit, 8-Channel Simultaneous Sampling Data Acquisition System
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAS3023 Datasheet(HTML) 1 Page - Analog Devices

  ADAS3023 Datasheet HTML 1Page - Analog Devices ADAS3023 Datasheet HTML 2Page - Analog Devices ADAS3023 Datasheet HTML 3Page - Analog Devices ADAS3023 Datasheet HTML 4Page - Analog Devices ADAS3023 Datasheet HTML 5Page - Analog Devices ADAS3023 Datasheet HTML 6Page - Analog Devices ADAS3023 Datasheet HTML 7Page - Analog Devices ADAS3023 Datasheet HTML 8Page - Analog Devices ADAS3023 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
16-Bit, 8-Channel Simultaneous
Sampling Data Acquisition System
Data Sheet
ADAS3023
FEATURES
Ease-of-use, 16-bit complete data acquisition system
Simultaneous sampling selection of 2, 4, 6, and 8 channels
Differential input voltage range: ±20.48 V maximum
High impedance 8-channel input: >500 MΩ
High input common-mode rejection: 95.0 dB
User-programmable input ranges
On-chip 4.096 V reference and buffer
No latency/pipeline delay (SAR architecture)
Serial 4-wire 1.8 V to 5 V SPI-/SPORT-compatible interface
40-lead LFCSP package (6 mm × 6 mm)
−40°C to +85°C industrial temperature range
APPLICATIONS
Multichannel data acquisition and system monitoring
Process control
Power line monitoring
Automated test equipment
Patient monitoring
Spectrum analysis
Instrumentation
FUNCTIONAL BLOCK DIAGRAM
Figure 1.
GENERAL DESCRIPTION
The ADAS3023 is a complete 16-bit successive approximation-
based analog-to-digital data acquisition system. This device is
capable of simultaneously sampling up to 500 kSPS for two
channels, 250 kSPS for four channels, 167 kSPS for six chan-
nels, and 125 kSPS for eight channels manufactured on the Analog
Devices, Inc., proprietary iCMOS® high voltage industrial process
technology.
The ADAS3023 integrates eight channels of low leakage track
and hold, a programmable gain instrumentation amplifier
(PGIA) stage with a high common-mode rejection offering four
differential input ranges, a precision low drift 4.096 V reference
and buffer, and a 16-bit charge redistribution successive approxi-
mation register (SAR) analog-to-digital converter (ADC). The
ADAS3023 can resolve differential input ranges of up to ±20.48 V
when using ±15 V supplies.
The ADAS3023 simplifies design challenges by eliminating
signal buffering, level shifting, amplification and attenuation,
common-mode rejection, settling time, or any of the other
analog signal conditioning challenges, yet allows for smaller
form factor, faster time to market, and lower costs.
The ADAS3023 is factory calibrated and its operation is
specified from −40°C to +85°C.
Table 1. Typical Input Range Selection
Single-Ended Signals1
Input Range, VIN
0 V to 1 V
±1.28 V
0 V to 2.5 V
±2.56 V
0 V to 5 V
±5.12 V
0 V to 10 V
±10.24 V
1
See Figure 39 and Figure 40 in the Analog Inputs section for more
information.
BUF
REF
LOGIC/
INTERFACE
TRACK
AND
HOLD
PGIA
PulSAR
ADC
DIFF TO
COM
IN0
CNV
CS
SCK
DIN
SDO
REFIN
BUSY
IN1
IN2
IN3
IN4
IN5
IN6
IN7
COM
VDDH AVDD DVDD
VIO
RESET
REFx
DGND
AGND
VSSH
PD
ADAS3023
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com


Similar Part No. - ADAS3023

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADAS3022 AD-ADAS3022 Datasheet
802Kb / 40P
16-Bit, 1 MSPS, 8-Channel Data Acquisition System
REV. A
ADAS3022BCPZ AD-ADAS3022BCPZ Datasheet
802Kb / 40P
16-Bit, 1 MSPS, 8-Channel Data Acquisition System
REV. A
ADAS3022BCPZ-RL7 AD-ADAS3022BCPZ-RL7 Datasheet
802Kb / 40P
16-Bit, 1 MSPS, 8-Channel Data Acquisition System
REV. A
More results

Similar Description - ADAS3023

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1362 AD-AD1362 Datasheet
431Kb / 8P
16-Channel,12-Bit Data Acquisition System
AD7874 AD-AD7874 Datasheet
414Kb / 16P
LC2MOS 4-Channel, 12-Bit Simultaneous Sampling Data Acquisition System
REV.C
ADAS3022 AD-ADAS3022 Datasheet
802Kb / 40P
16-Bit, 1 MSPS, 8-Channel Data Acquisition System
REV. A
5962-9152101MXA AD-5962-9152101MXA Datasheet
326Kb / 16P
LC2MOS 4-Channel, 12-Bit Simultaneous Sampling Data Acquisition System
REV. C
AD7874BNZ AD-AD7874BNZ Datasheet
326Kb / 16P
LC2MOS 4-Channel, 12-Bit Simultaneous Sampling Data Acquisition System
REV. C
AD7874SQ AD-AD7874SQ Datasheet
326Kb / 16P
LC2MOS 4-Channel, 12-Bit Simultaneous Sampling Data Acquisition System
REV. C
logo
API Technologies Corp
HS9403 APITECH-HS9403 Datasheet
3Mb / 4P
16-Channel, 12-Bit Data Acquisition System
logo
Analog Devices
AD7874 AD-AD7874_15 Datasheet
418Kb / 16P
LC MOS 4-Channel, 12-Bit Simultaneous Sampling Data Acquisition System
REV. C
logo
Texas Instruments
ADS8528, TI1-ADS8528,_16 Datasheet
1Mb / 57P
16-Bit, 8-Channel, Simultaneous Sampling ADCs
logo
Analog Devices
AD7874 AD-AD7874_17 Datasheet
448Kb / 17P
4-Channel, 12-Bit Simultaneous Sampling Data Acquisition System
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com