Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAS3023 Datasheet(PDF) 6 Page - Analog Devices

Part # ADAS3023
Description  16-Bit, 8-Channel Simultaneous Sampling Data Acquisition System
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAS3023 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADAS3023 Datasheet HTML 2Page - Analog Devices ADAS3023 Datasheet HTML 3Page - Analog Devices ADAS3023 Datasheet HTML 4Page - Analog Devices ADAS3023 Datasheet HTML 5Page - Analog Devices ADAS3023 Datasheet HTML 6Page - Analog Devices ADAS3023 Datasheet HTML 7Page - Analog Devices ADAS3023 Datasheet HTML 8Page - Analog Devices ADAS3023 Datasheet HTML 9Page - Analog Devices ADAS3023 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
ADAS3023
Data Sheet
TIMING SPECIFICATIONS
VDDH = 15 V ± 5%, VSSH = −15 V ± 5%, AVDD = DVDD = 5 V ± 5%, VIO = 1.8 V to AVDD, Internal Reference VREF = 4.096 V, fS =
500 kSPS, all specifications TMIN to TMAX, unless otherwise noted.1
Table 3.
Parameter
Symbol
Min
Typ
Max
Unit
TIME BETWEEN CONVERSIONS
tCYC
Warp2 Mode, CMS = 0
Two Channels
2.0
1000
µs
Four Channels
4.0
1000
µs
Six Channels
6.0
1000
µs
Eight Channels
8.0
1000
µs
Normal Mode (Default), CMS = 1
Two Channels
2.1
1000
µs
Four Channels
4.1
1000
µs
Six Channels
6.1
1000
µs
Eight Channels
8.1
1000
µs
CONVERSION TIME: CNV RISING EDGE TO DATA AVAILABLE
tCONV
Warp Mode, CMS = 0
Two Channels
1485
1630
ns
Four Channels
2850
3340
ns
Six Channels
4215
5000
ns
Eight Channels
5580
6700
ns
Normal Mode (Default), CMS = 1
Two Channels
1575
1720
ns
Four Channels
2940
3430
ns
Six Channels
4305
5090
ns
Eight Channels
5670
6790
ns
CNV
Pulse Width
tCNVH
10
ns
CNV High to Hold Time (Aperture Delay)
tAD
2
ns
CNV High to BUSY/SDO2 Delay
tCBD
520
ns
SCK
Period
tSCK
tSDOV + 3
ns
Low Time
tSCKL
5
ns
High Time
tSCKH
5
ns
SCK Falling Edge to Data Remains Valid
tSDOH
4
ns
SCK Falling Edge to Data Valid Delay
tSDOV
VIO > 4.5 V
12
ns
VIO > 3 V
18
ns
VIO > 2.7 V
24
ns
VIO > 2.3 V
25
ns
VIO > 1.8 V
37
ns
CS/RESET/PD
CS/RESET/PD Low to SDO D15 MSB Valid
tEN
VIO > 4.5 V
7
ns
VIO > 3 V
8
ns
VIO > 2.7 V
10
ns
VIO > 2.3 V
15
ns
VIO > 1.8 V
20
ns
CS/RESET/PD High to SDO High Impedance
tDIS
25
ns
CNV Rising to CS
tCCS
5
ns
Rev. 0 | Page 6 of 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com