Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAS3023 Datasheet(PDF) 18 Page - Analog Devices

Part # ADAS3023
Description  16-Bit, 8-Channel Simultaneous Sampling Data Acquisition System
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAS3023 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADAS3023 Datasheet HTML 14Page - Analog Devices ADAS3023 Datasheet HTML 15Page - Analog Devices ADAS3023 Datasheet HTML 16Page - Analog Devices ADAS3023 Datasheet HTML 17Page - Analog Devices ADAS3023 Datasheet HTML 18Page - Analog Devices ADAS3023 Datasheet HTML 19Page - Analog Devices ADAS3023 Datasheet HTML 20Page - Analog Devices ADAS3023 Datasheet HTML 21Page - Analog Devices ADAS3023 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
ADAS3023
Data Sheet
Channel-to-Channel Crosstalk
Channel-to-channel crosstalk is a measure of the level of crosstalk
between any channel and all other channels. The crosstalk is
measured by applying a dc input to the channel under test and
applying a full-scale, 10 kHz sine wave signal to all other channels.
The crosstalk is the amount of signal that leaks into the test channel
expressed in decibels.
Reference Voltage Temperature Coefficient
The reference voltage temperature coefficient is derived from
the typical shift of output voltage at 25°C on a sample of devices
at the maximum and minimum reference output voltage (VREF)
measured at TMIN, TA (25°C), and TMAX expressed in ppm/°C.
6
10
)
–
(
)
(
)
(
–
)
(
)
C
ppm/
(
×
×
°
=
°
MIN
MAX
REF
REF
REF
REF
T
T
C
25
V
Min
V
Max
V
TCV
where:
VREF (Max) is the maximum VREF at TMIN, TA (25°C), or TMAX.
VREF (Min) is the minimum VREF at TMIN, TA (25°C), or TMAX.
VREF (25°C) = VREF at 25°C.
TMAX = +85°C.
TMIN = −40°C.
Rev. 0 | Page 18 of 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com