Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAS3023 Datasheet(PDF) 5 Page - Analog Devices

Part # ADAS3023
Description  16-Bit, 8-Channel Simultaneous Sampling Data Acquisition System
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAS3023 Datasheet(HTML) 5 Page - Analog Devices

  ADAS3023 Datasheet HTML 1Page - Analog Devices ADAS3023 Datasheet HTML 2Page - Analog Devices ADAS3023 Datasheet HTML 3Page - Analog Devices ADAS3023 Datasheet HTML 4Page - Analog Devices ADAS3023 Datasheet HTML 5Page - Analog Devices ADAS3023 Datasheet HTML 6Page - Analog Devices ADAS3023 Datasheet HTML 7Page - Analog Devices ADAS3023 Datasheet HTML 8Page - Analog Devices ADAS3023 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
Data Sheet
ADAS3023
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit1
IVDDH
Two channels
5.0
5.5
mA
Four channels
6.0
7.0
mA
Six channels
9.5
10.5
mA
Eight channels
9.5
10.5
mA
PD = 1
10.0
µA
IVSSH
Two channels
−5.5
+5.0
mA
Four channels
−6.5
+5.5
mA
Six channels
−10.0
−8.5
mA
Eight channels
−10.0
−8.5
mA
All PGIA gains, PD = 1
10.0
µA
IAVDD
All PGIA gains, PD = 0, reference buffer enabled
16.0
17.0
mA
All PGIA gains, PD = 0, reference buffer disabled
15.5
mA
All PGIA gains, PD = 1
100
µA
IDVDD
All PGIA gains, PD = 0
2.5
3
mA
All PGIA gains, PD = 1
100
µA
IVIO
All PGIA gains, PD = 0, VIO = 3.3 V
1.0
mA
All PGIA gains, PD = 1
10.0
µA
Power Supply Sensitivity
External reference, TA = 25°C
PGIA gain = 0.2 or 0.4, VDDH/VSSH = ±15 V ± 5%
±0.1
LSB
PGIA gain = 0.8, VDDH/VSSH = ±15 V ± 5%
±0.2
LSB
PGIA gain = 1.6, VDDH/VSSH = ±15 V ± 5%
±0.4
LSB
PGIA gain = 0.2 or 0.4, AVDD, DVDD = ±5 V ± 5%
±1.0
LSB
PGIA gain = 0.8, AVDD, DVDD = ±5 V ± 5%
±1.5
LSB
PGIA gain = 1.6, AVDD, DVDD = ±5 V ± 5%
±2.5
LSB
TEMPERATURE RANGE
Specified Performance
TMIN to TMAX
−40
+85
°C
1
The LSB unit means least significant bit. The weight of the LSB, referred to input, changes depending on the input voltage range. See the Programmable Gain section
for the LSB size.
2
Full-scale differential input ranges of ±2.56 V, ±5.12 V, ±10.24 V, and ±20.48 V are set by the configuration register.
3
If using the external multiplexer in front of the ADAS3023, it must be switched at least 820 ns prior to the rising edge of CNV.
4
See the Terminology section. These parameters are specified at ambient temperature with an external reference. All other influences of temperature and supply are
measured and specified separately.
5
All ac specifications expressed in decibels are referenced to the full-scale input range (FSR) and are tested with an input signal at 0.5 dB below full scale, unless
otherwise specified.
6
This is the output from the internal band gap reference.
7
There is no pipeline delay. Conversion results are available immediately after a conversion is completed.
Rev. 0 | Page 5 of 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com