Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAS3023 Datasheet(PDF) 13 Page - Analog Devices

Part # ADAS3023
Description  16-Bit, 8-Channel Simultaneous Sampling Data Acquisition System
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAS3023 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADAS3023 Datasheet HTML 9Page - Analog Devices ADAS3023 Datasheet HTML 10Page - Analog Devices ADAS3023 Datasheet HTML 11Page - Analog Devices ADAS3023 Datasheet HTML 12Page - Analog Devices ADAS3023 Datasheet HTML 13Page - Analog Devices ADAS3023 Datasheet HTML 14Page - Analog Devices ADAS3023 Datasheet HTML 15Page - Analog Devices ADAS3023 Datasheet HTML 16Page - Analog Devices ADAS3023 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
Data Sheet
ADAS3023
Figure 13. Reference Drift, Internal Reference
Figure 14. Reference Buffer Drift, Internal Reference
Figure 15. 1 kHz FFT, PGIA Gain = 0.2
Figure 16. 1 kHz FFT, PGIA Gain = 0.4
Figure 17. 1 kHz FFT, PGIA Gain = 0.8
Figure 18. 1 kHz FFT, PGIA Gain = 1.6
0
10
20
0
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15
30
40
50
60
REFERENCE DRIFT (ppm/°C)
14 15 13 13
11
3
5
6
2
3
2
3
0
10
20
0
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15
30
40
50
60
REFERENCE BUFFER DRIFT (ppm/°C)
46
13
2
1
28
–160
–140
–120
–100
–80
–60
–40
–20
0
0
50
100
150
200
250
FREQUENCY (kHz)
PGIA GAIN = 0.2
fS = 500kSPS
fIN = 1.12kHz
SNR = 91.3dB
SINAD = 91.3dB
THD = –110.6dB
SFDR = 106.6dB
INTERNAL REFERENCE
–160
–140
–120
–100
–80
–60
–40
–20
0
0
50
100
150
200
250
FREQUENCY (kHz)
PGIA GAIN = 0.4
fS = 500kSPS
fIN = 1.12kHz
SNR = 91.2dB
SINAD = 91.1dB
THD = –107.0dB
SFDR = 106.0dB
INTERNAL REFERENCE
–160
–140
–120
–100
–80
–60
–40
–20
0
0
50
100
150
200
250
FREQUENCY (kHz)
PGIA GAIN = 0.8
fS = 500kSPS
fIN = 1.12kHz
SNR = 89.7dB
SINAD = 89.6dB
THD = –104.0dB
SFDR = 105.0dB
INTERNAL REFERENCE
–160
–140
–120
–100
–80
–60
–40
–20
0
0
50
100
150
200
250
FREQUENCY (kHz)
PGIA GAIN = 1.6
fS = 500kSPS
fIN = 1.12kHz
SNR = 87.3dB
SINAD = 87.2dB
THD = –103.0dB
SFDR = 106.0dB
INTERNAL REFERENCE
Rev. 0 | Page 13 of 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com