Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAS3023 Datasheet(PDF) 10 Page - Analog Devices

Part # ADAS3023
Description  16-Bit, 8-Channel Simultaneous Sampling Data Acquisition System
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAS3023 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADAS3023 Datasheet HTML 6Page - Analog Devices ADAS3023 Datasheet HTML 7Page - Analog Devices ADAS3023 Datasheet HTML 8Page - Analog Devices ADAS3023 Datasheet HTML 9Page - Analog Devices ADAS3023 Datasheet HTML 10Page - Analog Devices ADAS3023 Datasheet HTML 11Page - Analog Devices ADAS3023 Datasheet HTML 12Page - Analog Devices ADAS3023 Datasheet HTML 13Page - Analog Devices ADAS3023 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
ADAS3023
Data Sheet
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
Figure 6. Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Type1
Description
1 to 4
IN0 to IN3
AI
Input Channel 0 to Input Channel 3.
6 to 9
IN4 to IN7
AI
Input Channel 4 to Input Channel 7.
5, 14, 23,
24, 29,
30, 40
AGND
P
Analog Ground. Connect AGND to the system analog ground plane.
10
COM
AI
IN0 to IN7 Common Channel Input. Input Channel IN0 to Input Channel IN7 are referenced to a common
point. The maximum voltage on this pin is ±10.24 V for all PGIA gains.
11
CS
Chip Select. Active low signal. Enables the digital interface for writing and reading data. Use the CS pin when
sharing the serial bus. For a dedicated and simplified ADAS3023 serial interface, tie CS to DGND or CNV.
12
DIN
DI
Data Input. DIN is the serial data input for writing the 16-bit configuration (CFG) word that is clocked
into the device on the SCK rising edges. The CFG is an internal register that is updated on the rising edge
of the next end of a conversion pulse, which coincides with the falling edge of BUSY/SDO2. The CFG
register is written into the device on the first 16 clocks after conversion. To avoid corrupting a conversion
due to digital activity on the serial bus, do not write data during a conversion.
13
RESET
DI
Asynchronous Reset. A low-to-high transition resets the ADAS3023. The current conversion, if active, is
aborted and the CFG register is reset to the default state.
15
PD
DI
Power-Down. A low-to-high transition powers down the ADAS3023, minimizing the device operating
current. Note that PD must be held high until the user is ready to power on the device. After powering
on the device, the user must wait 100 ms until the reference is enabled and then wait for the completion
of one dummy conversion before the device is ready to convert. Note that the RESET pin remains low for
100 ns after the release of PD. See the Power-Down Mode section for more information.
16
SCK
DI
Serial Clock Input. The DIN and SDO data sent to and from the ADAS3023 are synchronized with SCK.
17
VIO
P
Digital Interface Supply. Nominally, it is recommended that VIO be at the same voltage as the supply of
the host interface: 1.8 V, 2.5 V, 3.3 V, or 5 V.
18
SDO
DO
Serial Data Output. The conversion result is output on this pin and synchronized to the SCK falling
edges. The conversion results are presented on this pin in twos complement format.
19
BUSY/SDO2
DO
Busy/Serial Data Output 2. The converter busy signal is always output on the BUSY/SDO2 pin when CS is
logic high. If SDO2 is enabled when CS is brought low after the EOC, the SDO outputs the data. The
conversion result is output on this pin and synchronized to the SCK falling edges. The conversion results
are presented on this pin in twos complement format.
20
CNV
DI
Convert Input. A conversion is initiated on the rising edge of the CNV pin.
21, 22
DGND
P
Digital Ground. Connect DGND to the system digital ground plane.
25
DCAP
P
Internal 2.5 V Digital Regulator Output. Decouple DCAP, an internally regulated output, using a 10 μF
and a 0.1 μF local capacitor.
26
ACAP
P
Internal 2.5 V Analog Regulator Output. This regulator supplies power to the internal ADC core and to all
of the supporting analog circuits, except for the internal reference. Decouple this internally regulated
output (ACAP) using a 10 μF capacitor and a 0.1 μF local capacitor.
1
IN0
2
IN1
3
IN2
4
IN3
5
AGND
6
IN4
7
IN5
8
IN6
9
IN7
10
COM
23 AGND
24 AGND
25 DCAP
26 ACAP
27 DVDD
28 AVDD
29 AGND
30 AGND
22 DGND
21 DGND
NOTES
1. CONNECT THE EXPOSED PAD TO VSSH.
ADAS3023
TOP VIEW
(Not to Scale)
PIN 1
INDICATOR
Rev. 0 | Page 10 of 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com