Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAS3023 Datasheet(PDF) 12 Page - Analog Devices

Part # ADAS3023
Description  16-Bit, 8-Channel Simultaneous Sampling Data Acquisition System
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAS3023 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADAS3023 Datasheet HTML 8Page - Analog Devices ADAS3023 Datasheet HTML 9Page - Analog Devices ADAS3023 Datasheet HTML 10Page - Analog Devices ADAS3023 Datasheet HTML 11Page - Analog Devices ADAS3023 Datasheet HTML 12Page - Analog Devices ADAS3023 Datasheet HTML 13Page - Analog Devices ADAS3023 Datasheet HTML 14Page - Analog Devices ADAS3023 Datasheet HTML 15Page - Analog Devices ADAS3023 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
ADAS3023
Data Sheet
TYPICAL PERFORMANCE CHARACTERISTICS
VDDH = 15 V, VSSH = −15 V, AVDD = DVDD = 5 V, VIO = 1.8 V to AVDD, unless otherwise noted.
Figure 7. Integral Nonlinearity (INL) vs. Code for All PGIA Gains
Figure 8. Differential Nonlinearity (DNL) vs. Code for All PGIA Gains
Figure 9. Histogram of a DC Input at Code Center, PGIA Gain = 0.2
Figure 10. Histogram of a DC Input at Code Center, PGIA Gain = 0.4
Figure 11. Histogram of a DC Input at Code Center, PGIA Gain = 0.8
Figure 12. Histogram of a DC Input at Code Center, PGIA Gain = 1.6
0
8192
16384
24576
32768
CODE
40960
49152
57344
65536
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
FOR ALL PGIA GAINS
INL MAX = 0.875
INL MIN = –1.216
0
8192
16384
24576
32768
CODE
40960
49152
57344
65536
–1.00
–0.75
–0.50
–0.25
0
0.25
0.50
0.75
1.00
FOR ALL PGIA GAINS
DNL MAX = 0.794
DNL MIN = –0.661
0
50000
100000
150000
200000
250000
300000
350000
400000
CODE IN HEX
PGIA GAIN = 0.2
fS = 500kSPS
INTERNAL REFERENCE
0
0
0
83
23813
278780
190408
6909
7
0
0
0
50000
100000
150000
200000
250000
300000
350000
400000
CODE IN HEX
PGIA GAIN = 0.4
fS = 500kSPS
INTERNAL REFERENCE
0
0
0
962
74640
325285
97631
1481
1
0
0
0
50000
100000
150000
200000
250000
300000
350000
400000
CODE IN HEX
PGIA GAIN = 0.8
fS = 500kSPS
INTERNAL REFERENCE
0
0
201
18671
188714
248346
43158
908
2
0
0
0
50000
100000
150000
200000
250000
300000
350000
400000
CODE IN HEX
PGIA GAIN = 1.6
fS = 500kSPS
INTERNAL REFERENCE
0
6
450
9497
70413
185455
171423
56261
6254 238
3
Rev. 0 | Page 12 of 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com