Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAS3023 Datasheet(PDF) 21 Page - Analog Devices

Part # ADAS3023
Description  16-Bit, 8-Channel Simultaneous Sampling Data Acquisition System
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAS3023 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADAS3023 Datasheet HTML 17Page - Analog Devices ADAS3023 Datasheet HTML 18Page - Analog Devices ADAS3023 Datasheet HTML 19Page - Analog Devices ADAS3023 Datasheet HTML 20Page - Analog Devices ADAS3023 Datasheet HTML 21Page - Analog Devices ADAS3023 Datasheet HTML 22Page - Analog Devices ADAS3023 Datasheet HTML 23Page - Analog Devices ADAS3023 Datasheet HTML 24Page - Analog Devices ADAS3023 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
Data Sheet
ADAS3023
Figure 38. Complete 5 V, Single-Supply, 8-Channel Data Acquisition System with PGIA
TYPICAL APPLICATION CONNECTION DIAGRAM
As shown in Figure 38, the ADP1613 is used in an inexpensive
SEPIC-Ćuk topology, which is an ideal candidate for providing
the ADAS3023 with the necessary high voltage ±15 V robust
supplies (at 20 mA) and low output ripple (3 mV maximum) from
an external 5 V supply. The ADP1613 satisfies the specification
requirements of the ADAS3023 using minimal external compo-
nents yet achieves greater than 86% efficiency. See the CN-0201
circuit note for complete information about this test setup.
ANALOG INPUTS
Input Structure
The ADAS3023 uses a differential input structure between each
of the channel inputs, IN0 to IN7, and a common reference
(COM), all of which sample simultaneously.
Figure 39 shows an equivalent circuit of the inputs. The diodes
provide ESD protection for the analog inputs (IN0 to IN7) and
COM from the high voltage supplies (VDDH and VSSH). Ensure
that the analog input signal does not exceed the supply rails by
more than 0.3 V because this can cause the diodes to become
forward-biased and to start conducting current. The voltages
beyond the absolute maximum ratings may cause permanent
damage to the ADAS3023 (see Table 4).
Figure 39. Equivalent Analog Input Circuit
Programmable Gain
The ADAS3023 incorporates a programmable gain instru-
mentation amplifier (PGIA) with four selectable ranges. The
PGIA settings are specified in terms of the maximum absolute
differential input voltage across an input pin and the COM pin,
for example INx to COM. The power on and default conditions
are preset to the ±20.48 V (PGIA = 11) input range.
Note that because the ADAS3023 can use any input type, such
as bipolar single-ended and pseudo bipolar, setting the PGIA is
important to make full use of the allowable input span.
IN0
IN1
IN2
IN3
IN4
IN5
IN6
IN7
DIFF TO
COM
LOGIC/
INTERFACE
REFIN
REF
CNV
RESET
SCK
DIN
SDO
VDDH
AVDD DVDD
VIO
CS
COM
BUSY
+
+
+
ENABLE
ADP1613
ADAS3023
COMP
FB
FREQ
EN
VIN
GND
SS
SW
+
+
VIN = +5V
+
+
VSSH
RF2
4.22kΩ
RF1B
47.5kΩ
RC1
100kΩ
CC1
12nF
CC2
10pF
CV5
1µF
REN
RB0
1Ω
RS1
0Ω
RS2
DNI
CSS
1µF
Z1
CIN
1µF
D1
D2
C1
1µF
C2
1µF
L3
1µF
COUT3
4.7µF
COUT1
1µF
COUT2
2.2µF
+15V
–15V
+5V
ADR434
REFx
PD
AGND DGND
AD8031
4.096V
+
–
1.78Ω
RFILT
DNI
50kΩ
L1
47µH
L2
47µH
+5V
+5V
BUF
PGIA
PulSAR
ADC
TRACK
AND
HOLD
CPIN
INx OR COM
VSSH
AGND
VDDH
PGIA
TRACK
AND
HOLD
Rev. 0 | Page 21 of 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com