Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7953ACPZ Datasheet(PDF) 46 Page - Analog Devices

Part # ADE7953ACPZ
Description  Single Phase, Multifunction Metering IC with Neutral Current Measurement
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7953ACPZ Datasheet(HTML) 46 Page - Analog Devices

Back Button ADE7953ACPZ Datasheet HTML 42Page - Analog Devices ADE7953ACPZ Datasheet HTML 43Page - Analog Devices ADE7953ACPZ Datasheet HTML 44Page - Analog Devices ADE7953ACPZ Datasheet HTML 45Page - Analog Devices ADE7953ACPZ Datasheet HTML 46Page - Analog Devices ADE7953ACPZ Datasheet HTML 47Page - Analog Devices ADE7953ACPZ Datasheet HTML 48Page - Analog Devices ADE7953ACPZ Datasheet HTML 49Page - Analog Devices ADE7953ACPZ Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 68 page
background image
ADE7953
Data Sheet
Rev. A | Page 46 of 68
PEAK DETECTION
The ADE7953 includes a peak detection feature on both
Current Channel A (phase) and Current Channel B (neutral)
and on the voltage channel. This feature continuously records
the maximum value of the voltage and current waveforms.
Peak detection can be used with overvoltage and overcurrent
detection to provide a complete swell detection function (see
the Overcurrent and Overvoltage Detection section).
Peak detection is an instantaneous measurement taken from
the absolute value of the current and voltage ADC output
waveforms and stored in three 24-bit/32-bit registers. The three
registers that record the peak values on Current Channel A,
Current Channel B, and the voltage channel, respectively, are
IAPEAK (Address 0x228 and Address 0x328), IBPEAK
(Address 0x22A and Address 0x32A), and VPEAK (Address
0x226 and Address 0x326).
These three registers are updated every time that the absolute
value of the waveform exceeds the current value stored in the
IAPEAK, IBPEAK, and VPEAK registers. No time period is
associated with this measurement.
Three additional registers contain the same peak information,
but cause the corresponding peak measurements to be reset
after they are read. The three read-with-reset peak registers are
RSTIAPEAK (Address 0x229 and Address 0x329), RSTIBPEAK
(Address 0x22B and Address 0x32B), and RSTVPEAK (Address
0x227 and Address 0x327). Reading these registers clears the
contents of the corresponding xPEAK register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com