Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7953ACPZ Datasheet(PDF) 9 Page - Analog Devices

Part # ADE7953ACPZ
Description  Single Phase, Multifunction Metering IC with Neutral Current Measurement
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7953ACPZ Datasheet(HTML) 9 Page - Analog Devices

Back Button ADE7953ACPZ Datasheet HTML 5Page - Analog Devices ADE7953ACPZ Datasheet HTML 6Page - Analog Devices ADE7953ACPZ Datasheet HTML 7Page - Analog Devices ADE7953ACPZ Datasheet HTML 8Page - Analog Devices ADE7953ACPZ Datasheet HTML 9Page - Analog Devices ADE7953ACPZ Datasheet HTML 10Page - Analog Devices ADE7953ACPZ Datasheet HTML 11Page - Analog Devices ADE7953ACPZ Datasheet HTML 12Page - Analog Devices ADE7953ACPZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 68 page
background image
Data Sheet
ADE7953
Rev. A | Page 9 of 68
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
ZX
2
RESET
3
VINTD
4
DGND
5
IAP
6
IAN
7
PULL_HIGH
NOTES
1. CREATE A SIMILAR PAD ON THE PCB UNDER THE EXPOSED PAD.
SOLDER THE EXPOSED PAD TO THE PAD ON THE PCB TO CONFER
MECHANICAL STRENGTH TO THE PACKAGE. DO NOT CONNECT THE
PADS TO AGND.
17 VDD
18 CLKIN
19 CLKOUT
20 REVP
21 ZX_I
16 AGND
15 VINTA
ADE7953
TOP VIEW
(Not to Scale)
Figure 4. Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
ZX
Voltage Channel Zero-Crossing Output Pin. See the Voltage Channel Zero Crossing section. This pin can
be configured to output a range of alternative power quality signals (see the Alternative Output Functions
section).
2
RESET
Active Low Reset Input. To initiate a hardware reset, this pin must be brought low for at minimum of 10 μs.
3
VINTD
This pin provides access to the 2.5 V digital LDO. This pin should be decoupled with a 4.7 μF capacitor in
parallel with a 100 nF ceramic capacitor.
4
DGND
Ground Reference for the Digital Circuitry.
5, 6
IAP, IAN
Analog Input for Current Channel A (Phase Current Channel). This differential voltage input has a maximum
input range of ±500 mV. The maximum pin voltage for single-ended use is ±250 mV. The PGA associated
with this input has a maximum gain stage of 22 (see the Analog Inputs section).
7, 8
PULL_HIGH
These pins should be connected to VDD for proper operation.
9, 10
IBP, IBN
Analog Input for Current Channel B (Neutral Current Channel). This differential voltage input has a maximum
input range of ±500 mV. The PGA associated with this input has a maximum gain of 16 (see the Analog
Inputs section).
11, 12
VN, VP
Analog Input for Voltage Channel. This differential voltage input has a maximum input range of ±500 mV. The
PGA associated with this input has a maximum gain of 16 (see the Analog Inputs section).
13
REF
This pin provides access to the on-chip voltage reference. The internal reference has a nominal voltage
of 1.2 V. This pin should be decoupled with a 4.7 μF capacitor in parallel with a 100 nF ceramic capacitor.
Alternatively, an external reference voltage of 1.2 V can be applied to this pin (see the Reference Circuit
section).
14
PULL_LOW
This pin should be connected to AGND for proper operation.
15
VINTA
This pin provides access to the 2.5 V analog LDO. This pin should be decoupled with a 4.7 μF capacitor in
parallel with a 100 nF ceramic capacitor.
16
AGND
Ground Reference for the Analog Circuitry.
17
VDD
Power Supply (3.3 V) for the ADE7953. For specified operation, the input to this pin should be within
3.3 V ± 10%. This pin should be decoupled with a 10 μF capacitor in parallel with a 100 nF ceramic capacitor.
18
CLKIN
Master Clock Input for the ADE7953. An external clock can be provided at this input. Alternatively, a parallel
resonant AT crystal can be connected across the CLKIN and CLKOUT pins to provide a clock source for the
ADE7953. The clock frequency for specified operation is 3.58 MHz. Ceramic load capacitors of a few tens of
picofarads should be used with the gate oscillator circuit. Refer to the crystal manufacturer’s data sheet for
the load capacitance requirements.
19
CLKOUT
A crystal can be connected across this pin and CLKIN to provide a clock source for the ADE7953.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com