Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7953ACPZ Datasheet(PDF) 58 Page - Analog Devices

Part # ADE7953ACPZ
Description  Single Phase, Multifunction Metering IC with Neutral Current Measurement
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7953ACPZ Datasheet(HTML) 58 Page - Analog Devices

Back Button ADE7953ACPZ Datasheet HTML 54Page - Analog Devices ADE7953ACPZ Datasheet HTML 55Page - Analog Devices ADE7953ACPZ Datasheet HTML 56Page - Analog Devices ADE7953ACPZ Datasheet HTML 57Page - Analog Devices ADE7953ACPZ Datasheet HTML 58Page - Analog Devices ADE7953ACPZ Datasheet HTML 59Page - Analog Devices ADE7953ACPZ Datasheet HTML 60Page - Analog Devices ADE7953ACPZ Datasheet HTML 61Page - Analog Devices ADE7953ACPZ Datasheet HTML 62Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 68 page
background image
ADE7953
Data Sheet
Rev. A | Page 58 of 68
CHECKSUM REGISTER
The ADE7953 includes a 32-bit checksum register, CRC
(Address 0x37F), which warns the user if any of the important
configuration, control, or calibration registers are modified. The
checksum register helps to ensure that the meter configuration
is not modified from its desired state during normal operation.
Table 12 lists the registers included in the checksum. An
additional eight internal reserved registers are also included in
the checksum. The ADE7953 computes the cyclic redundancy
check (CRC) based on the IEEE 802.3 standard. The contents of
the registers are introduced one by one into a linear feedback
shift register (LFSR) based generator, starting with the least
significant bit. The 32-bit result is written to the CRC register.
Figure 75 shows how the LFSR works. The registers shown in
Table 12 and the eight 8-bit reserved internal registers form the
bits [a1023, a1022,…, a0] used by LFSR. Bit a0 is the least significant
bit of the first register to enter LFSR; Bit a1023 is the most signifi-
cant bit of the last register to enter LFSR.
The formulas that govern LFSR are as follows:
bi(0) = 1, i = 0, 1, 2, …, 31, the initial state of the bits that form
the CRC. Bit b0 is the least significant bit, and Bit b31 is the most
significant.
bi(0) = 1, i = 0, 1, 2, …, 31, the initial state of the bits that form
the CRC. Bit b0 is the least significant bit, and Bit b31 is the most
significant.
gi, i = 0, 1, 2, …, 31 are the coefficients of the generating
polynomial defined by the IEEE802.3 standard as follows:
G(x) = x32 + x26 + x23 + x22 + x16 + x12 + x11 + x10 + x8 + x7 + x5 +
x4 + x2 + x + 1.
g0 = g1 = g2 = g4 = g5 = g7 = 1
g8 = g10 = g11 = g12 = g16 = g22 = g26 = g31 = 1
(50)
All of the other gi coefficients are equal to 0.
FB(j) = aj – 1 XOR b31(j – 1)
(51)
b0(j) = FB(j) AND g0
(52)
bi(j) = FB(j) AND gi XOR bi − 1(j – 1), i = 1, 2, 3, ..., 31
(53)
Equation 51, Equation 52, and Equation 53 must be repeated for
j = 1, 2, …, 1024. The value written into the Checksum register
contains the Bit bi(1024), i = 0, 1, …, 31.
1023
0
LFSR
GENERATOR
ARRAY OF 1024 BITS
Figure 75. Checksum Register Calculation
b0
LFSR
FB
g0
g1
g2
g31
b1
g3
b2
b31
a255, a254,....,a2, a1, a0
Figure 76. LFSR Generator Used in Checksum Register Calculation
The CRC is disabled by default and can be enabled by setting
the CRC_ENABLE bit (Bit 8) of the CONFIG register
(Address 0x102). When this bit is set, the CRC is computed at
a rate of 6.99 kHz. Because the CRC is disabled by default, the
default value is 0xFFFFFFFF. Once enabled, with all registers at
their default value, the CRC is 0x48739163.The checksum can
be used to ensure that the registers included in the checksum
are not inadvertently changed by periodically reading the value
in the CRC register (Address 0x37F) after the meter is
configured.
If two consecutive readings differ, it can be assumed that one
of the registers has changed value and, therefore, the configuration
of the ADE7953 has changed. Note that since the CRC updates at
a rate of 6.99 kHz, consecutive reads should be at least 143 μs
(1/6.99 kHz) apart. The recommended response is to issue a
hardware/software reset, which resets all ADE7953 registers,
including reserved registers, to their default values. The
ADE7953 should then be reconfigured with the design-specific
settings.
An interrupt associated with the checksum feature can provide
an external warning signal on the IRQ pin if the CRC register
value changes after initial configuration. This interrupt is dis-
abled by default and can be enabled by setting the CRC bit (Bit 21)
in the IRQENA register (Address 0x22C and Address 0x32C).
When this interrupt is enabled, an external interrupt is issued
if the CRC value changes from the value that it held at the time
that it was enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com