Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7953ACPZ Datasheet(PDF) 65 Page - Analog Devices

Part # ADE7953ACPZ
Description  Single Phase, Multifunction Metering IC with Neutral Current Measurement
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7953ACPZ Datasheet(HTML) 65 Page - Analog Devices

Back Button ADE7953ACPZ Datasheet HTML 60Page - Analog Devices ADE7953ACPZ Datasheet HTML 61Page - Analog Devices ADE7953ACPZ Datasheet HTML 62Page - Analog Devices ADE7953ACPZ Datasheet HTML 63Page - Analog Devices ADE7953ACPZ Datasheet HTML 64Page - Analog Devices ADE7953ACPZ Datasheet HTML 65Page - Analog Devices ADE7953ACPZ Datasheet HTML 66Page - Analog Devices ADE7953ACPZ Datasheet HTML 67Page - Analog Devices ADE7953ACPZ Datasheet HTML 68Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 65 / 68 page
background image
Data Sheet
ADE7953
Rev. A | Page 65 of 68
Table 21. ACCMODE Register (Address 0x201 and Address 0x301)
Bits
Bit Name
Default
Description
[1:0]
AWATTACC
00
Current Channel A active energy accumulation mode
Setting
Active Energy Accumulation Mode (Current Channel A)
00
Normal mode
01
Positive-only accumulation mode
10
Absolute accumulation mode
11
Reserved
[3:2]
BWATTACC
00
Current Channel B active energy accumulation mode
Setting
Active Energy Accumulation Mode (Current Channel B)
00
Normal mode
01
Positive-only accumulation mode
10
Absolute accumulation mode
11
Reserved
[5:4]
AVARACC
00
Current Channel A reactive energy accumulation mode
Setting
Reactive Energy Accumulation Mode (Current Channel A)
00
Normal mode
01
Antitamper accumulation mode
10
Absolute accumulation mode
11
Reserved
[7:6]
BVARACC
00
Current Channel B reactive energy accumulation mode
Setting
Reactive Energy Accumulation Mode (Current Channel B)
00
Normal mode
01
Antitamper accumulation mode
10
Absolute accumulation mode
11
Reserved
8
AVAACC
0
0 = Current Channel A apparent energy accumulation is in normal mode
1 = Current Channel A apparent energy accumulation is based on IRMSA
9
BVAACC
0
0 = Current Channel B apparent energy accumulation is in normal mode
1 = Current Channel B apparent energy accumulation is based on IRMSB
10
APSIGN_A
0
0 = active power on Current Channel A is positive
1 = active power on Current Channel A is negative
11
APSIGN_B
0
0 = active power on Current Channel B is positive
1 = active power on Current Channel B is negative
12
VARSIGN_A
0
0 = reactive power on Current Channel A is positive
1 = reactive power on Current Channel A is negative
13
VARSIGN_B
0
0 = reactive power on Current Channel B is positive
1 = reactive power on Current Channel B is negative
[15:14]
Reserved
00
Reserved
16
ACTNLOAD_A
0
0 = Current Channel A active energy is out of no-load condition
1 = Current Channel A active energy is in no-load condition
17
VANLOAD_A
0
0 = Current Channel A apparent energy is out of no-load condition
1 = Current Channel A apparent energy is in no-load condition
18
VARNLOAD_A
0
0 = Current Channel A reactive energy is out of no-load condition
1 = Current Channel A reactive energy is in no-load condition
19
ACTNLOAD_B
0
0 = Current Channel B active energy is out of no-load condition
1 = Current Channel B active energy is in no-load condition
20
VANLOAD_B
0
0 = Current Channel B apparent energy is out of no-load condition
1 = Current Channel B apparent energy is in no-load condition
21
VARNLOAD_B
0
0 = Current Channel B reactive energy is out of no-load condition
1 = Current Channel B reactive energy is in no-load condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com