Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7953ACPZ Datasheet(PDF) 54 Page - Analog Devices

Part # ADE7953ACPZ
Description  Single Phase, Multifunction Metering IC with Neutral Current Measurement
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7953ACPZ Datasheet(HTML) 54 Page - Analog Devices

Back Button ADE7953ACPZ Datasheet HTML 50Page - Analog Devices ADE7953ACPZ Datasheet HTML 51Page - Analog Devices ADE7953ACPZ Datasheet HTML 52Page - Analog Devices ADE7953ACPZ Datasheet HTML 53Page - Analog Devices ADE7953ACPZ Datasheet HTML 54Page - Analog Devices ADE7953ACPZ Datasheet HTML 55Page - Analog Devices ADE7953ACPZ Datasheet HTML 56Page - Analog Devices ADE7953ACPZ Datasheet HTML 57Page - Analog Devices ADE7953ACPZ Datasheet HTML 58Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 68 page
background image
ADE7953
Data Sheet
Rev. A | Page 54 of 68
I2C Read Operations
The I2C read operation is performed in two stages. The first
stage sets the pointer to the address of the register to be
accessed. The second stage reads the contents of the register.
As shown in Figure 71, the first stage is initiated when the
master issues a start condition, which consists of the slave
address and the read/write bit. Because this first step sets up the
pointer to the address, the LSB of the start byte should be set to
0 (write). The start condition is followed by the 16-bit address
of the target register. After each byte is received, the ADE7953
issues an acknowledge (ACK) to the master.
The second stage of the read operation begins with the master
generating a new start condition. This start condition consists of
the same slave address but with the LSB set to 1 to signify that a
read is being issued. After this byte is received, the ADE7953
issues an acknowledge (ACK). The ADE7953 then sends the
register contents to the master, which acknowledges the reception
of each byte. All bytes are sent MSB first. The register contents
can be 8, 16, 24, or 32 bits long. After the final byte of register
data is received, the master issues a stop condition in place of
the acknowledge to indicate the completion of the communication.
The I2C read operation is shown in Figure 71.
ACK GENERATED BY
ADE7953
ACK GENERATED BY
MASTER
S
A
C
K
A
C
K
A
C
K
0
15
SLAVE ADDRESS
MSB OF REGISTER ADDRESS
LSB OF REGISTER ADDRESS
87
0
11
100
00
S
A
C
K
A
C
K
A
C
K
A
C
K
P
0
SLAVE ADDRESS
BYTE 3 (MSB)
OF REGISTER
BYTE 2 OF REGISTER
BYTE 1 OF REGISTER
BYTE 0 (LSB)
OF REGISTER
23
16
15
8
7
0
0
7
11
10
00
1
ACK GENERATED BY
ADE7953
Figure 71. I2C Read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com