Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7953ACPZ Datasheet(PDF) 5 Page - Analog Devices

Part # ADE7953ACPZ
Description  Single Phase, Multifunction Metering IC with Neutral Current Measurement
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7953ACPZ Datasheet(HTML) 5 Page - Analog Devices

  ADE7953ACPZ Datasheet HTML 1Page - Analog Devices ADE7953ACPZ Datasheet HTML 2Page - Analog Devices ADE7953ACPZ Datasheet HTML 3Page - Analog Devices ADE7953ACPZ Datasheet HTML 4Page - Analog Devices ADE7953ACPZ Datasheet HTML 5Page - Analog Devices ADE7953ACPZ Datasheet HTML 6Page - Analog Devices ADE7953ACPZ Datasheet HTML 7Page - Analog Devices ADE7953ACPZ Datasheet HTML 8Page - Analog Devices ADE7953ACPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 68 page
background image
Data Sheet
ADE7953
Rev. A | Page 5 of 68
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
ANALOG PERFORMANCE
Signal-to-Noise Ratio
Current Channel A
74
dB
Current Channel B
72
dB
Voltage Channel
70
Signal-to-Noise-and-Distortion Ratio
Current Channel A, Current Channel B
68
dB
Voltage Channel
65
dB
Bandwidth (−3 dB)
1.23
kHz
CF1 AND CF2 PULSE OUTPUTS
Maximum Output Frequency
206.9
kHz
Duty Cycle
50
%
CF1 or CF2 frequency > 6.25 Hz
Active Low Pulse Width
80
ms
CF1 or CF2 frequency < 6.25 Hz
Jitter
0.04
%
CF1 or CF2 frequency = 1 Hz
Output High Voltage, VOH
2.4
V
ISOURCE = 500 μA at 25°C
Output Low Voltage, VOL
0.4
V
ISINK = 8 mA at 25°C
REFERENCE
Nominal 1.2 V at REF pin
REF Input Voltage Range
1.19
1.2
1.21
V
TMIN to TMax
Input Capacitance
10
pF
Reference Error
±0.9
mV
TA = 25°C
Output Impedance
1.2
kΩ
Temperature Coefficient
10
50
ppm/°C
CLKIN/CLKOUT PINS
All specifications CLKIN = 3.58 MHz
Input Clock Frequency
3.58
MHz
Crystal Equivalent Series Resistance
30
200
Ω
LOGIC INPUTS—RESET, CLKIN, CS, SCLK,
MOSI/SCL/Rx, MISO/SDA/Tx
Input High Voltage, VINH
2.4
V
VDD = 3.3 V ± 10%
Input Low Voltage, VINL
0.8
V
VDD = 3.3 V ± 10%
Input Current, IIN
VIN = 0 V
MOSI/SCL/Rx, MISO/SDA/Tx, RESET
−10
μA
CS, SCLK
1
μA
Input Capacitance, CIN
10
pF
LOGIC OUTPUTS—IRQ, REVP, ZX, ZX_I,
CLKOUT, MOSI/SCL/Rx, MISO/SDA/Tx
VDD = 3.3 V ± 10%
Output High Voltage, VOH
3.0
V
ISOURCE = 800 μA
Output Low Voltage, VOL
0.4
V
ISINK = 2 mA
POWER SUPPLY
For specified performance
VDD
3.0
V
3.3 V − 10%
3.6
V
3.3 V + 10%
IDD
7
9
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com