Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7953ACPZ Datasheet(PDF) 67 Page - Analog Devices

Part # ADE7953ACPZ
Description  Single Phase, Multifunction Metering IC with Neutral Current Measurement
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7953ACPZ Datasheet(HTML) 67 Page - Analog Devices

Back Button ADE7953ACPZ Datasheet HTML 60Page - Analog Devices ADE7953ACPZ Datasheet HTML 61Page - Analog Devices ADE7953ACPZ Datasheet HTML 62Page - Analog Devices ADE7953ACPZ Datasheet HTML 63Page - Analog Devices ADE7953ACPZ Datasheet HTML 64Page - Analog Devices ADE7953ACPZ Datasheet HTML 65Page - Analog Devices ADE7953ACPZ Datasheet HTML 66Page - Analog Devices ADE7953ACPZ Datasheet HTML 67Page - Analog Devices ADE7953ACPZ Datasheet HTML 68Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 67 / 68 page
background image
Data Sheet
ADE7953
Rev. A | Page 67 of 68
Bits
Bit Name
Description
17
WSMP
Set to 1 when new waveform data is acquired
18
CYCEND
Set to 1 at the end of a line cycle accumulation period
19
Sag
Set to 1 when a sag event has occurred
20
Reset
Set to 1 at the end of a software or hardware reset
21
CRC
Set to 1 when the checksum has changed
Current Channel B Registers
Table 24. IRQENB Register (Address 0x22F and Address 0x32F)
Bits
Bit Name
Description
0
AEHFB
Set to 1 to enable an interrupt when the active energy is half full (Current Channel B)
1
VAREHFB
Set to 1 to enable an interrupt when the reactive energy is half full (Current Channel B)
2
VAEHFB
Set to 1 to enable an interrupt when the apparent energy is half full (Current Channel B)
3
AEOFB
Set to 1 to enable an interrupt when the active energy has overflowed or underflowed (Current Channel B)
4
VAREOFB
Set to 1 to enable an interrupt when the reactive energy has overflowed or underflowed (Current Channel B)
5
VAEOFB
Set to 1 to enable an interrupt when the apparent energy has overflowed or underflowed (Current Channel B)
6
AP_NOLOADB
Set to 1 to enable an interrupt when the active power no-load detection on Current Channel B occurs
7
VAR_NOLOADB
Set to 1 to enable an interrupt when the reactive power no-load detection on Current Channel B occurs
8
VA_NOLOADB
Set to 1 to enable an interrupt when the apparent power no-load detection on Current Channel B occurs
9
APSIGN_B
Set to 1 to enable an interrupt when the sign of active energy has changed (Current Channel B)
10
VARSIGN_B
Set to 1 to enable an interrupt when the sign of reactive energy has changed (Current Channel B)
11
ZXTO_IB
Set to 1 to enable an interrupt when a zero crossing has been missing on Current Channel B for the length of time
specified in the ZXTOUT register
12
ZXIB
Set to 1 to enable an interrupt when the current Channel B zero crossing occurs
13
OIB
Set to 1 to enable an interrupt when the current Channel B peak has exceeded the overcurrent threshold set in the
OILVL register
Table 25. IRQSTATB Register (Address 0x230 and Address 0x330) and RSTIRQSTATB Register (Address 0x231 and
Address 0x331)
Bits
Bit Name
Description
0
AEHFB
Set to 1 when the active energy register is half full (Current Channel B)
1
VAREHFB
Set to 1 when the reactive energy register is half full (Current Channel B)
2
VAEHFB
Set to 1 when the apparent energy register is half full (Current Channel B)
3
AEOFB
Set to 1 when the active energy register has overflowed or underflowed (Current Channel B)
4
VAREOFB
Set to 1 when the reactive energy register has overflowed or underflowed (Current Channel B)
5
VAEOFB
Set to 1 when the apparent energy register has overflowed or underflowed (Current Channel B)
6
AP_NOLOADB
Set to 1 when the active power no-load condition is detected on Current Channel B
7
VAR_NOLOADB
Set to 1 when the reactive power no-load condition is detected on Current Channel B
8
VA_NOLOADB
Set to 1 when the apparent power no-load condition is detected on Current Channel B
9
APSIGN_B
Set to 1 when the sign of active energy has changed (Current Channel B)
10
VARSIGN_B
Set to 1 when the sign of reactive energy has changed (Current Channel B)
11
ZXTO_IB
Set to 1 when a zero crossing has been missing on Current Channel B for the length of time specified in the
ZXTOUT register
12
ZXIB
Set to 1 when a current Channel B zero crossing is obtained
13
OIB
Set to 1 when current Channel B peak has exceeded the overcurrent threshold set in the OILVL register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com