Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7953ACPZ Datasheet(PDF) 53 Page - Analog Devices

Part # ADE7953ACPZ
Description  Single Phase, Multifunction Metering IC with Neutral Current Measurement
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7953ACPZ Datasheet(HTML) 53 Page - Analog Devices

Back Button ADE7953ACPZ Datasheet HTML 49Page - Analog Devices ADE7953ACPZ Datasheet HTML 50Page - Analog Devices ADE7953ACPZ Datasheet HTML 51Page - Analog Devices ADE7953ACPZ Datasheet HTML 52Page - Analog Devices ADE7953ACPZ Datasheet HTML 53Page - Analog Devices ADE7953ACPZ Datasheet HTML 54Page - Analog Devices ADE7953ACPZ Datasheet HTML 55Page - Analog Devices ADE7953ACPZ Datasheet HTML 56Page - Analog Devices ADE7953ACPZ Datasheet HTML 57Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 68 page
background image
Data Sheet
ADE7953
Rev. A | Page 53 of 68
I2C INTERFACE
The ADE7953 supports a fully licensed I2C interface. The I2C
interface operates as a slave and uses two shared pins: SDA and
SCL. The SDA pin is a bidirectional input/output pin, and the
SCL pin is the serial clock. Both pins are shared with the SPI
and UART interfaces. The I2C interface operates at a maximum
serial clock frequency of 400 kHz.
The two pins used for data transfer—SDA and SCL—are
configured in a wire-AND format that allows arbitration in
a multimaster system.
Communication via the I2C interface is initiated by the master
device generating a start condition. This consists of the master
transmitting a single byte containing the address of the slave
device and the nature of the operation (read or write).
The address of the ADE7953 is 0111000X. Bit 7 in the address
byte indicates whether a read or a write is required: 0 indicates a
write, and 1 indicates a read. The communication continues as
described in the following sections until the master issues a stop
condition and the bus returns to the idle condition.
I2C Write Operations
A write operation on the ADE7953 is initiated when the master
issues a start condition, which consists of the slave address and
the read/write bit. The start condition is followed by the 16-bit
address of the target register. After each byte is received, the
ADE7953 issues an acknowledge (ACK) to the master.
As soon as the 16-bit address communication is complete, the
master sends the register data, MSB first. The length of this data
can be 8, 16, 24, or 32 bits long. After each byte of register data
is received, the ADE7953 slave issues an acknowledge (ACK).
When transmission of the final byte is complete, the master
issues a stop condition, and the bus returns to the idle condition.
The I2C write operation is shown in Figure 70.
ACK GENERATED BY
ADE7953
S
A
C
K
A
C
K
A
C
K
A
C
K
A
C
K
A
C
K
A
C
K
P
0
15
SLAVE ADDRESS
MSB OF REGISTER ADDRESS
LSB OF REGISTER ADDRESS
BYTE 3 (MSB) OF REGISTER
BYTE 2 OF REGISTER
BYTE 1 OF REGISTER
BYTE 0 (LSB) OF REGISTER
87
0
23
16
15
8
7
0
0
7
111 0000
Figure 70. I2C Write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com