Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7953ACPZ Datasheet(PDF) 57 Page - Analog Devices

Part # ADE7953ACPZ
Description  Single Phase, Multifunction Metering IC with Neutral Current Measurement
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7953ACPZ Datasheet(HTML) 57 Page - Analog Devices

Back Button ADE7953ACPZ Datasheet HTML 53Page - Analog Devices ADE7953ACPZ Datasheet HTML 54Page - Analog Devices ADE7953ACPZ Datasheet HTML 55Page - Analog Devices ADE7953ACPZ Datasheet HTML 56Page - Analog Devices ADE7953ACPZ Datasheet HTML 57Page - Analog Devices ADE7953ACPZ Datasheet HTML 58Page - Analog Devices ADE7953ACPZ Datasheet HTML 59Page - Analog Devices ADE7953ACPZ Datasheet HTML 60Page - Analog Devices ADE7953ACPZ Datasheet HTML 61Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 68 page
background image
Data Sheet
ADE7953
Rev. A | Page 57 of 68
COMMUNICATION VERIFICATION AND SECURITY
The ADE7953 includes three security measures to increase
communication robustness and to help prevent inadvertent
modifications to its internal registers. The write protection,
communication verification, and checksum features can be used
together to help increase the robustness and noise immunity of
the meter design.
WRITE PROTECTION
The ADE7953 provides a simple method for protecting the
internal registers from unexpected write operations. This feature
helps to prevent noise or EMC conditions from changing the
required meter configuration. The write protection feature is
disabled by default to allow the meter to be configured and can
be enabled by writing to the 8-bit WRITE_PROTECT register
(Address 0x040). Only the three LSBs of this register are used.
Bit 0 controls the protection on the 8-bit registers; Bit 1 controls
the protection on the 16-bit registers; Bit 2 controls the protection
on the 24-bit/32-bit registers. All bits are set to 0 by default to
disable the protection. Setting any of these bits to 1 enables
write protection on the corresponding group of registers. When
write protection is enabled, any attempted write operation using
the SPI, I2C, or UART interface is ignored. The one exception to
this is the WRITE_PROTECT register that can still be modified
to disable the write protection feature. Resetting the WRITE_
PROTECT bits to 0 reinstates full access to the register banks.
COMMUNICATION VERIFICATION
The ADE7953 includes a set of three registers that allow any
communication via SPI, I2C, or UART to be verified. The
LAST_OP (Address 0x0FD), LAST_ADD (Address 0x1FE),
and LAST_RWDATA registers record the type, address, and
data of the last successful communication, respectively. The
LAST_RWDATA register has four separate addresses, depending
on the length of the successful communication (see Table 11).
Multiple address locations are included to prevent unnecessarily
long communications.
Table 11. Addresses of the LAST_RWDATA Registers
Register Address
Length of Read/Write
Address 0x0FF
8 bits
Address 0x1FF
16 bits
Address 0x2FF
24 bits
Address 0x3FF
32 bits
After each successful communication with the ADE7953, the
address of the last register that was accessed is stored in the
16-bit LAST_ADD register (Address 0x1FE). This read-only
register stores the value until the next successful read or write
is complete.
The LAST_OP register (Address 0x0FD) stores the type of the
communication, that is, it indicates whether a read or a write
was performed. If the last operation was a write, the LAST_OP
register stores the value 0xCA. If the last operation was a read,
the LAST_OP register stores the value 0x35.
The LAST_RWDATA register stores the data that was written to
or read from the register. Unsuccessful read and write operations
are not reflected in these registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com