Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2515-E/ML Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP2515-E/ML
Description  Stand-Alone CAN Controller with SPI Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2515-E/ML Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP2515-E/ML Datasheet HTML 17Page - Microchip Technology MCP2515-E/ML Datasheet HTML 18Page - Microchip Technology MCP2515-E/ML Datasheet HTML 19Page - Microchip Technology MCP2515-E/ML Datasheet HTML 20Page - Microchip Technology MCP2515-E/ML Datasheet HTML 21Page - Microchip Technology MCP2515-E/ML Datasheet HTML 22Page - Microchip Technology MCP2515-E/ML Datasheet HTML 23Page - Microchip Technology MCP2515-E/ML Datasheet HTML 24Page - Microchip Technology MCP2515-E/ML Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 92 page
background image
 2003-2012 Microchip Technology Inc.
DS21801G-page 21
MCP2515
REGISTER 3-7:
TXBnDLC - TRANSMIT BUFFER n DATA LENGTH CODE
(ADDRESS: 35h, 45h, 55h)
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
—RTR
—
—
DLC3
DLC2
DLC1
DLC0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
Unimplemented: Reads as ‘0’
bit 6
RTR: Remote Transmission Request bit
1
= Transmitted Message will be a Remote Transmit Request
0
= Transmitted Message will be a Data Frame
bit 5-4
Unimplemented: Reads as ‘0’
bit 3-0
DLC<3:0>: Data Length Code bits
Sets the number of data bytes to be transmitted (0 to 8 bytes)
Note:
It is possible to set the DLC to a value greater than eight, however only eight bytes are
transmitted
REGISTER 3-8:
TXBnDm – TRANSMIT BUFFER n DATA BYTE m
(ADDRESS: 36h - 3Dh, 46h - 4Dh, 56h - 5Dh)
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
TXBnDm7
TXBnDm6
TXBnDm5
TXBnDm4
TXBnDm3
TXBnDm2
TXBnDm1
TXBnDm0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-0
TXBnDm7:TXBnDm0: Transmit Buffer n Data Field Bytes m



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com