Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2515-E/ML Datasheet(PDF) 75 Page - Microchip Technology

Part # MCP2515-E/ML
Description  Stand-Alone CAN Controller with SPI Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2515-E/ML Datasheet(HTML) 75 Page - Microchip Technology

Back Button MCP2515-E/ML Datasheet HTML 71Page - Microchip Technology MCP2515-E/ML Datasheet HTML 72Page - Microchip Technology MCP2515-E/ML Datasheet HTML 73Page - Microchip Technology MCP2515-E/ML Datasheet HTML 74Page - Microchip Technology MCP2515-E/ML Datasheet HTML 75Page - Microchip Technology MCP2515-E/ML Datasheet HTML 76Page - Microchip Technology MCP2515-E/ML Datasheet HTML 77Page - Microchip Technology MCP2515-E/ML Datasheet HTML 78Page - Microchip Technology MCP2515-E/ML Datasheet HTML 79Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 92 page
background image
 2003-2012 Microchip Technology Inc.
DS21801G-page 75
MCP2515
TABLE 13-6:
SPI INTERFACE AC CHARACTERISTICS
SPI Interface AC Characteristics
Industrial (I):
TAMB = -40°C to +85°C
VDD = 2.7V to 5.5V
Extended (E):
TAMB = -40°C to +125°C
VDD = 4.5V to 5.5V
Param.
No.
Sym
Characteristic
Min
Max
Units
Conditions
FCLK
Clock Frequency
—
10
MHz
1TCSS
CS Setup Time
50
—
ns
2TCSH
CS Hold Time
50
—
ns
3TCSD
CS Disable Time
50
—
ns
4TSU
Data Setup Time
10
—
ns
5THD
Data Hold Time
10
—
ns
6TR
CLK Rise Time
—
2
µs
Note 1
7TF
CLK Fall Time
—
2
µs
Note 1
8THI
Clock High Time
45
—
ns
9TLO
Clock Low Time
45
—
ns
ns
10
TCLD
Clock Delay Time
50
—
ns
11
TCLE
Clock Enable Time
50
—
ns
12
TV
Output Valid from Clock Low
—
45
ns
13
THO
Output Hold Time
0
—
ns
14
TDIS
Output Disable Time
—
100
ns
Note 1:
This parameter is not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com